Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0214 Datasheet(PDF) 24 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 20Page - STMicroelectronics PM0214 Datasheet HTML 21Page - STMicroelectronics PM0214 Datasheet HTML 22Page - STMicroelectronics PM0214 Datasheet HTML 23Page - STMicroelectronics PM0214 Datasheet HTML 24Page - STMicroelectronics PM0214 Datasheet HTML 25Page - STMicroelectronics PM0214 Datasheet HTML 26Page - STMicroelectronics PM0214 Datasheet HTML 27Page - STMicroelectronics PM0214 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 245 page
background image
The Cortex-M4 processor
PM0214
24/245
DocID022708 Rev 4
Base priority mask register
The BASEPRI register defines the minimum priority for exception processing. When
BASEPRI is set to a nonzero value, it prevents the activation of all exceptions with same or
lower priority level as the BASEPRI value. See the register summary in Table 3 on page 17
for its attributes. Figure 7 shows the bit assignments.
Figure 7. BASEPRI bit assignments
CONTROL register
The CONTROL register controls the stack used and the privilege level for software
execution when the processor is in Thread mode and indicates whether the FPU state is
active. See the register summary in Table 3 on page 17 for its attributes.
Table 10. BASEPRI register bit assignments
Bits
Function
Bits 31:8
Reserved
Bits 7:4
BASEPRI[7:4] Priority mask bits(1)
0x00: no effect
Nonzero: defines the base priority for exception processing.
The processor does not process any exception with a priority value greater than or
equal to BASEPRI.
1. This field is similar to the priority fields in the interrupt priority registers. See Interrupt priority registers
(NVIC_IPRx) on page 200 for more information. Remember that higher priority field values correspond to
lower exception priorities.
Bits 3:0
Reserved
Table 11. CONTROL register bit definitions
Bits
Function
Bits 31:3
Reserved
Bit 2
FPCA: Indicates whether floating-point context currently active:
0: No floating-point context active
1: Floating-point context active.
The Cortex-M4 uses this bit to determine whether to preserve floating-point state
when processing an exception.
Bit 1
SPSEL: Active stack pointer selection. Selects the current stack:
0: MSP is the current stack pointer
1: PSP is the current stack pointer.
In Handler mode this bit reads as zero and ignores writes. The Cortex-M4 updates
this bit automatically on exception return.
Bit 0
nPRIV: Thread mode privilege level. Defines the Thread mode privilege level.
0: Privileged
1: Unprivileged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com