Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0214 Datasheet(PDF) 23 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 19Page - STMicroelectronics PM0214 Datasheet HTML 20Page - STMicroelectronics PM0214 Datasheet HTML 21Page - STMicroelectronics PM0214 Datasheet HTML 22Page - STMicroelectronics PM0214 Datasheet HTML 23Page - STMicroelectronics PM0214 Datasheet HTML 24Page - STMicroelectronics PM0214 Datasheet HTML 25Page - STMicroelectronics PM0214 Datasheet HTML 26Page - STMicroelectronics PM0214 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 245 page
background image
DocID022708 Rev 4
23/245
PM0214
The Cortex-M4 processor
244
To access the exception mask registers use the MSR and MRS instructions, or the CPS
instruction to change the value of PRIMASK or FAULTMASK. See MRS on page 173, MSR
on page 174, and CPS on page 171 for more information.
Priority mask register
The PRIMASK register prevents activation of all exceptions with configurable priority. See
the register summary in Table 3 on page 17 for its attributes. Figure 5 shows the bit
assignments.
Figure 5. PRIMASK bit assignments
Fault mask register
The FAULTMASK register prevents activation of all exceptions except for Non-Maskable
Interrupt (NMI). See the register summary in Table 3 on page 17 for its attributes. Figure 6
shows the bit assignments.
Figure 6. FAULTMASK bit assignments
The processor clears the FAULTMASK bit to 0 on exit from any exception handler except
the NMI handler.
Table 8. PRIMASK register bit definitions
Bits
Description
Bits 31:1
Reserved
Bit 0
PRIMASK:
0: No effect
1: Prevents the activation of all exceptions with configurable priority.
Table 9. FAULTMASK register bit definitions
Bits
Function
Bits 31:1
Reserved
Bit 0
FAULTMASK:
0: No effect
1: Prevents the activation of all exceptions except for NMI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com