Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0214 Datasheet(PDF) 36 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 32Page - STMicroelectronics PM0214 Datasheet HTML 33Page - STMicroelectronics PM0214 Datasheet HTML 34Page - STMicroelectronics PM0214 Datasheet HTML 35Page - STMicroelectronics PM0214 Datasheet HTML 36Page - STMicroelectronics PM0214 Datasheet HTML 37Page - STMicroelectronics PM0214 Datasheet HTML 38Page - STMicroelectronics PM0214 Datasheet HTML 39Page - STMicroelectronics PM0214 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 245 page
background image
The Cortex-M4 processor
PM0214
36/245
DocID022708 Rev 4
2.3
Exception model
This section describes the exception model.
2.3.1
Exception states
Each exception is in one of the following states:
2.3.2
Exception types
The exception types are:
Inactive
The exception is not active and not pending.
Pending
The exception is waiting to be serviced by the processor. An interrupt
request from a peripheral or from software can change the state of the
corresponding interrupt to pending.
Active
An exception that is being serviced by the processor but has not
completed.
Note: An exception handler can interrupt the execution of another exception
handler. In this case both exceptions are in the active state.
Active and pending The exception is being serviced by the processor and there is a
pending exception from the same source.
Reset
Reset is invoked on power up or a warm reset. The exception model
treats reset as a special form of exception. When reset is asserted, the
operation of the processor stops, potentially at any point in an
instruction. When reset is deasserted, execution restarts from the
address provided by the reset entry in the vector table. Execution
restarts as privileged execution in Thread mode.
NMI
A NonMaskable Interrupt (NMI) can be signalled by a peripheral or
triggered by software. This is the highest priority exception other than
reset. It is permanently enabled and has a fixed priority of -2. NMIs
cannot be:
•
Masked or prevented from activation by any other exception
•
Preempted by any exception other than Reset.
Hard fault
A hard fault is an exception that occurs because of an error during
exception processing, or because an exception cannot be managed by
any other exception mechanism. Hard faults have a fixed priority of -1,
meaning they have higher priority than any exception with configurable
priority.
Memory
management fault
A memory management fault is an exception that occurs because of a
memory protection related fault. The MPU or the fixed memory
protection constraints determines this fault, for both instruction and
data memory transactions. This fault is used to abort instruction
accesses to Execute Never (XN) memory regions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com