Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0214 Datasheet(PDF) 31 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 27Page - STMicroelectronics PM0214 Datasheet HTML 28Page - STMicroelectronics PM0214 Datasheet HTML 29Page - STMicroelectronics PM0214 Datasheet HTML 30Page - STMicroelectronics PM0214 Datasheet HTML 31Page - STMicroelectronics PM0214 Datasheet HTML 32Page - STMicroelectronics PM0214 Datasheet HTML 33Page - STMicroelectronics PM0214 Datasheet HTML 34Page - STMicroelectronics PM0214 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 245 page
background image
DocID022708 Rev 4
31/245
PM0214
The Cortex-M4 processor
244
2.2.5
Bit-banding
A bit-band region maps each word in a bit-band alias region to a single bit in the bit-band
region. The bit-band regions occupy the lowest 1 MB of the SRAM and peripheral memory
regions.
The memory map has two 32 MB alias regions that map to two 1 MB bit-band regions:
Accesses to the 32 MB SRAM alias region map to the 1 MB SRAM bit-band region, as
shown in Table 14
Accesses to the 32 MB peripheral alias region map to the 1 MB peripheral bit-band
region, as shown in Table 15.
Note:
A word access to the SRAM or peripheral bit-band alias regions map to a single bit in the
SRAM or peripheral bit-band region.
Bit band accesses can use byte, halfword, or word transfers. The bit band transfer size
matches the transfer size of the instruction making the bit band access.
The following formula shows how the alias region maps onto the bit-band region:
bit_word_offset = (byte_offset x 32) + (bit_number x 4)
bit_word_addr = bit_band_base + bit_word_offset
Table 14. SRAM memory bit-banding regions
Address
range
Memory
region
Instruction and data accesses
0x20000000-
0x200FFFFF
SRAM bit-band region
Direct accesses to this memory range behave as SRAM memory
accesses, but this region is also bit addressable through bit-band alias.
0x22000000-
0x23FFFFFF
SRAM bit-band alias
Data accesses to this region are remapped to bit band region. A write
operation is performed as read-modify-write. Instruction accesses are not
remapped.
Table 15. Peripheral memory bit-banding regions
Address
range
Memory
region
Instruction and data accesses
0x40000000-
0x400FFFFF
Peripheral
bit-band region
Direct accesses to this memory range behave as peripheral memory
accesses, but this region is also bit addressable through bit-band
alias.
0x42000000-
0x43FFFFFF
Peripheral
bit-band alias
Data accesses to this region are remapped to bit-band region. A write
operation is performed as read-modify-write. Instruction accesses are
not permitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com