Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0214 Datasheet(PDF) 21 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 17Page - STMicroelectronics PM0214 Datasheet HTML 18Page - STMicroelectronics PM0214 Datasheet HTML 19Page - STMicroelectronics PM0214 Datasheet HTML 20Page - STMicroelectronics PM0214 Datasheet HTML 21Page - STMicroelectronics PM0214 Datasheet HTML 22Page - STMicroelectronics PM0214 Datasheet HTML 23Page - STMicroelectronics PM0214 Datasheet HTML 24Page - STMicroelectronics PM0214 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 245 page
background image
DocID022708 Rev 4
21/245
PM0214
The Cortex-M4 processor
244
Interrupt program status register
The IPSR contains the exception type number of the current Interrupt Service Routine
(ISR). See the register summary in Table 3 on page 17 for its attributes.
The bit assignments are:
Execution program status register
The EPSR contains the Thumb state bit, and the execution state bits for either the:
•
If-Then (IT) instruction
•
Interruptible-Continuable Instruction (ICI) field for an interrupted load multiple or store
multiple instruction.
See the register summary in Table 3 on page 17 for the EPSR attributes. The bit
assignments are:
Table 6. IPSR bit definitions
Bits
Description
Bits 31:9
Reserved
Bits 8:0
ISR_NUMBER:
This is the number of the current exception:
0: Thread mode
1: Reserved
2: NMI
3: Hard fault
4: Memory management fault
5: Bus fault
6: Usage fault
7: Reserved
....
10: Reserved
11: SVCall
12: Reserved for Debug
13: Reserved
14: PendSV
15: SysTick
16: IRQ0(1)
....
....
83: IRQ81(1)
see Exception types on page 36 for more information.
1. See STM32 product reference manual/datasheet for more information on interrupt mapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com