Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0214 Datasheet(PDF) 32 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 28Page - STMicroelectronics PM0214 Datasheet HTML 29Page - STMicroelectronics PM0214 Datasheet HTML 30Page - STMicroelectronics PM0214 Datasheet HTML 31Page - STMicroelectronics PM0214 Datasheet HTML 32Page - STMicroelectronics PM0214 Datasheet HTML 33Page - STMicroelectronics PM0214 Datasheet HTML 34Page - STMicroelectronics PM0214 Datasheet HTML 35Page - STMicroelectronics PM0214 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 245 page
background image
The Cortex-M4 processor
PM0214
32/245
DocID022708 Rev 4
Where:
Bit_word_offset is the position of the target bit in the bit-band memory region.
Bit_word_addr is the address of the word in the alias memory region that maps to the
targeted bit.
Bit_band_base is the starting address of the alias region.
Byte_offset is the number of the byte in the bit-band region that contains the targeted
bit.
Bit_number is the bit position, 0-7, of the targeted bit.
Figure 9 on page 32 shows examples of bit-band mapping between the SRAM bit-band
alias region and the SRAM bit-band region:
The alias word at 0x23FFFFED maps to bit[0] of the bit-band byte at
0x200FFFFF: 0x23FFFFED = 0x22000000 + (0xFFFFF*32) + (0*4).
The alias word at 0x23FFFFFC maps to bit[7] of the bit-band byte at
0x200FFFFF: 0x23FFFFFC = 0x22000000 + (0xFFFFF*32) + (7*4).
The alias word at 0x22000000 maps to bit[0] of the bit-band byte at
0x20000000: 0x22000000 = 0x22000000 + (0*32) + (0 *4).
The alias word at 0x2200001C maps to bit[7] of the bit-band byte at
0x20000000: 0x2200001C = 0x22000000+ (0*32) + (7*4).
Figure 9. Bit-band mapping
Directly accessing an alias region
Writing to a word in the alias region updates a single bit in the bit-band region.
Bit[0] of the value written to a word in the alias region determines the value written to the
targeted bit in the bit-band region. Writing a value with bit[0] set to 1 writes a 1 to the bit-
band bit, and writing a value with bit[0] set to 0 writes a 0 to the bit-band bit.
Bits[31:1] of the alias word have no effect on the bit-band bit. Writing 0x01 has the same
effect as writing 0xFF. Writing 0x00 has the same effect as writing 0x0E.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com