Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0214 Datasheet(PDF) 74 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 74 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 70Page - STMicroelectronics PM0214 Datasheet HTML 71Page - STMicroelectronics PM0214 Datasheet HTML 72Page - STMicroelectronics PM0214 Datasheet HTML 73Page - STMicroelectronics PM0214 Datasheet HTML 74Page - STMicroelectronics PM0214 Datasheet HTML 75Page - STMicroelectronics PM0214 Datasheet HTML 76Page - STMicroelectronics PM0214 Datasheet HTML 77Page - STMicroelectronics PM0214 Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 245 page
background image
The STM32 Cortex-M4 instruction set
PM0214
74/245
DocID022708 Rev 4
; sum of R2 and 8 into R2, with unprivileged access
3.4.5
LDR, PC-relative
Load register from memory.
Syntax
LDR{type}{cond} Rt, label
LDRD{cond} Rt, Rt2, label; load two words
where:
•
‘type’ is one of the following:
B: Unsigned byte, zero extends to 32 bits
SB: Signed byte, sign extends to 32 bits
H: Unsigned halfword, sign extends to 32 bits
SH: Signed halfword, sign extends to 32 bits
—: Omit, for word
•
‘cond’ is an optional condition code (see Conditional execution on page 64)
•
‘Rt’ is the register to load or store
•
‘Rt2’ is the second register to load or store
•
‘label’ is a PC-relative expression (see PC-relative expressions on page 64)
Operation
LDR loads a register with a value from a PC-relative memory address.
The memory address is specified by a label or by an offset from the PC.
The value to load or store can be a byte, halfword, or word. For load instructions, bytes and
halfwords can either be signed or unsigned (see Address alignment on page 64).
‘label’ must be within a limited range of the current instruction. Table 27 shows the possible
offsets between label and the PC. You might have to use the .W suffix to get the maximum
offset range (see Instruction width selection on page 67).
Restrictions
In these instructions:
•
Rt2 must be neither SP nor PC
•
Rt must be different from Rt2
•
Rt can be SP or PC only for word loads
•
When Rt is PC in a word load instruction: bit[0] of the loaded value must be 1 for correct
execution, and a branch occurs to this halfword-aligned address. If the instruction is
conditional, it must be the last instruction in the IT block.
Table 27. label-PC offset ranges
Instruction type
Offset range
Word, halfword, signed halfword, byte, signed byte
−4095 to 4095
Two words
−1020 to 1020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com