Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0214 Datasheet(PDF) 20 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 16Page - STMicroelectronics PM0214 Datasheet HTML 17Page - STMicroelectronics PM0214 Datasheet HTML 18Page - STMicroelectronics PM0214 Datasheet HTML 19Page - STMicroelectronics PM0214 Datasheet HTML 20Page - STMicroelectronics PM0214 Datasheet HTML 21Page - STMicroelectronics PM0214 Datasheet HTML 22Page - STMicroelectronics PM0214 Datasheet HTML 23Page - STMicroelectronics PM0214 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 245 page
background image
The Cortex-M4 processor
PM0214
20/245
DocID022708 Rev 4
Application program status register
The APSR contains the current state of the condition flags from previous instruction
executions. See the register summary in Table 3 on page 17 for its attributes. The bit
assignments are:
Table 5. APSR bit definitions
Bits
Description
Bit 31
N: Negative or less than flag:
0: Operation result was positive, zero, greater than, or equal
1: Operation result was negative or less than.
Bit 30
Z: Zero flag:
0: Operation result was not zero
1: Operation result was zero.
Bit 29
C: Carry or borrow flag:
0: Add operation did not result in a carry bit or subtract operation resulted in a
borrow bit
1: Add operation resulted in a carry bit or subtract operation did not result in a
borrow bit.
Bit 28
V: Overflow flag:
0: Operation did not result in an overflow
1: Operation resulted in an overflow.
Bit 27
Q: DSP overflow and saturation flag: Sticky saturation flag.
0: Indicates that saturation has not occurred since reset or since the bit was last
cleared to zero
1: Indicates when an SSAT or USAT instruction results in saturation, or indicates a
DSP overflow.
This bit is cleared to zero by software using an MRS instruction.
Bits 26:20
Reserved.
Bits 19:16
GE[3:0]: Greater than or Equal flags. See
SEL on page 104 for more information.
Bits 15:0
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com