Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0214 Datasheet(PDF) 61 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 57Page - STMicroelectronics PM0214 Datasheet HTML 58Page - STMicroelectronics PM0214 Datasheet HTML 59Page - STMicroelectronics PM0214 Datasheet HTML 60Page - STMicroelectronics PM0214 Datasheet HTML 61Page - STMicroelectronics PM0214 Datasheet HTML 62Page - STMicroelectronics PM0214 Datasheet HTML 63Page - STMicroelectronics PM0214 Datasheet HTML 64Page - STMicroelectronics PM0214 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 245 page
background image
DocID022708 Rev 4
61/245
PM0214
The STM32 Cortex-M4 instruction set
244
3.3.4
Shift operations
Register shift operations move the bits in a register left or right by a specified number of bits,
the shift length. Register shift can be performed:
•
Directly by the instructions ASR, LSR, LSL, ROR, and RRX. The result is written to a
destination register.
•
During the calculation of operand2 by the instructions that specify the second operand
as a register with shift (see Flexible second operand on page 59). The result is used by
the instruction.
The permitted shift lengths depend on the shift type and the instruction (see the individual
instruction description or Flexible second operand). If the shift length is 0, no shift occurs.
Register shift operations update the carry flag except when the specified shift length is 0.
The following sub-sections describe the various shift operations and how they affect the
carry flag. In these descriptions, Rm is the register containing the value to be shifted, and n is
the shift length.
ASR
Arithmetic shift right by n bits moves the left-hand 32-n bits of the register Rm, to the right by
n places, into the right-hand 32-n bits of the result. And it copies the original bit[31] of the
register into the left-hand n bits of the result (see Figure 13: ASR#3 on page 61).
You can use the ASR #n operation to divide the value in the register Rm by 2n, with the result
being rounded towards negative-infinity.
When the instruction is ASRS or when ASR #n is used in operand2 with the instructions
MOVS, MVNS, ANDS, ORRS, ORNS, EORS, BICS, TEQ or TST, the carry flag is updated
to the last bit shifted out, bit[n-1], of the register Rm.
Note:
1
If n is 32 or more, all the bits in the result are set to the value of bit[31] of Rm.
2
If n is 32 or more and the carry flag is updated, it is updated to the value of bit[31] of Rm.
Figure 13. ASR#3
LSR
Logical shift right by n bits moves the left-hand 32-n bits of the register Rm, to the right by n
places, into the right-hand 32-n bits of the result. And it sets the left-hand n bits of the result
to 0 (see Figure 14).
You can use the LSR #n operation to divide the value in the register Rm by 2n, if the value is
regarded as an unsigned integer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com