Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0214 Datasheet(PDF) 78 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 78 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 74Page - STMicroelectronics PM0214 Datasheet HTML 75Page - STMicroelectronics PM0214 Datasheet HTML 76Page - STMicroelectronics PM0214 Datasheet HTML 77Page - STMicroelectronics PM0214 Datasheet HTML 78Page - STMicroelectronics PM0214 Datasheet HTML 79Page - STMicroelectronics PM0214 Datasheet HTML 80Page - STMicroelectronics PM0214 Datasheet HTML 81Page - STMicroelectronics PM0214 Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 245 page
background image
The STM32 Cortex-M4 instruction set
PM0214
78/245
DocID022708 Rev 4
3.4.8
LDREX and STREX
Load and store register exclusive.
Syntax
LDREX{cond} Rt, [Rn {, #offset}]
STREX{cond} Rd, Rt, [Rn {, #offset}]
LDREXB{cond} Rt, [Rn]
STREXB{cond} Rd, Rt, [Rn]
LDREXH{cond} Rt, [Rn]
STREXH{cond} Rd, Rt, [Rn]
where:
‘cond’ is an optional condition code (see Conditional execution on page 64)
‘Rd’ is the destination register for the returned status
‘Rt’ is the register to load or store
‘Rn’ is the register on which the memory address is based
‘offset’ is an optional offset applied to the value in Rn. If offset is omitted, the address is
the value in Rn.
Operation
LDREX, LDREXB, and LDREXH load a word, byte, and halfword respectively from a
memory address.
STREX, STREXB, and STREXH attempt to store a word, byte, and halfword respectively to
a memory address. The address used in any store-exclusive instruction must be the same
as the address in the most recently executed load-exclusive instruction. The value stored by
the store-exclusive instruction must also have the same data size as the value loaded by the
preceding load-exclusive instruction. This means software must always use a load-
exclusive instruction and a matching store-exclusive instruction to perform a
synchronization operation, see Synchronization primitives on page 33.
If a store-exclusive instruction performs the store, it writes 0 to its destination register.
If it does not perform the store, it writes 1 to its destination register.
If the store-exclusive instruction writes 0 to the destination register, it is guaranteed that no
other process in the system has accessed the memory location between the load-exclusive
and store-exclusive instructions.
For reasons of performance, keep the number of instructions between corresponding load-
exclusive and store-exclusive instruction to a minimum.
Note:
The result of executing a store-exclusive instruction to an address that is different from that
used in the preceding load-exclusive instruction is unpredictable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com