Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0214 Datasheet(PDF) 115 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 115 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 111Page - STMicroelectronics PM0214 Datasheet HTML 112Page - STMicroelectronics PM0214 Datasheet HTML 113Page - STMicroelectronics PM0214 Datasheet HTML 114Page - STMicroelectronics PM0214 Datasheet HTML 115Page - STMicroelectronics PM0214 Datasheet HTML 116Page - STMicroelectronics PM0214 Datasheet HTML 117Page - STMicroelectronics PM0214 Datasheet HTML 118Page - STMicroelectronics PM0214 Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 245 page
background image
DocID022708 Rev 4
115/245
PM0214
The STM32 Cortex-M4 instruction set
244
The SMLALD and SMLALDX instructions interpret the values from Rn and Rm as four
halfword two’s complement signed 16-bit integers. These instructions:
•
If X is not present, multiply the top signed halfword value of Rn with the top signed
halfword of Rm and the bottom signed halfword values of Rn with the bottom signed
halfword of Rm.
•
Or if X is present, multiply the top signed halfword value of Rn with the bottom signed
halfword of Rm and the bottom signed halfword values of Rn with the top signed
halfword of Rm.
•
Add the two multiplication results to the signed 64-bit value in RdLo and RdHi to create
the resulting 64-bit product.
•
Write the 64-bit product in RdLo and RdHi.
Restrictions
In these instructions:
Do not use SP and do not use PC.
RdHi and RdLo must be different registers.
Condition flags
These instructions do not affect the condition code flags.
Examples
SMLAL
R4, R5, R3, R8
; Multiplies R3 and R8, adds R5:R4 and writes to
; R5:R4
SMLALBT R2, R1, R6, R7
; Multiplies bottom halfword of R6 with top
; halfword of R7, sign extends to 32-bit, adds
; R1:R2 and writes to R1:R2
SMLALTB R2, R1, R6, R7
; Multiplies top halfword of R6 with bottom
; halfword of R7,sign extends to 32-bit, adds R1:R2
; and writes to R1:R2
SMLALD
R6, R8, R5, R1
; Multiplies top halfwords in R5 and R1 and bottom
; halfwords of R5 and R1, adds R8:R6 and writes to
; R8:R6
SMLALDX R6, R8, R5, R1
; Multiplies top halfword in R5 with bottom
; halfword of R1, and bottom halfword of R5 with
; top halfword of R1, adds R8:R6 and writes to
; R8:R6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com