Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0214 Datasheet(PDF) 176 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 176 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 172Page - STMicroelectronics PM0214 Datasheet HTML 173Page - STMicroelectronics PM0214 Datasheet HTML 174Page - STMicroelectronics PM0214 Datasheet HTML 175Page - STMicroelectronics PM0214 Datasheet HTML 176Page - STMicroelectronics PM0214 Datasheet HTML 177Page - STMicroelectronics PM0214 Datasheet HTML 178Page - STMicroelectronics PM0214 Datasheet HTML 179Page - STMicroelectronics PM0214 Datasheet HTML 180Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 245 page
background image
The STM32 Cortex-M4 instruction set
PM0214
176/245
DocID022708 Rev 4
3.11.10
SVC
Supervisor Call.
Syntax
SVC{cond} #imm
where:
•
‘cond’ is an optional condition code, see Conditional execution on page 64.
•
‘imm’ is an expression evaluating to an integer in the range 0-255 (8-bit value).
Operation
The SVC instruction causes the SVC exception. imm is ignored by the processor. If
required, it can be retrieved by the exception handler to determine what service is being
requested.
Condition flags
This instruction does not change the flags.
Examples
SVC
0x32
; Supervisor Call (SVC handler can extract the immediate
value
; by locating it via the stacked PC)
3.11.11
WFE
Wait For Event. WFE is a hint instruction.
Syntax
WFE{cond}
where: ‘cond’ is an optional condition code, see Conditional execution on page 64.
Operation
If the event register is 0, WFE suspends execution until one of the following events occurs:
•
An exception, unless masked by exception mask registers or the current priority level
•
An exception enters Pending state, if SEVONPEND in System Control Register is set
•
A Debug Entry request, if Debug is enabled
•
An event signaled by a peripheral or another processor in a multiprocessor system
using the SEV instruction.
If the event register is 1, WFE clears it to 0 and returns immediately.
For more information see Power management on page 46.
Condition flags
This instruction does not change the flags.
Examples
WFE
; Wait for event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com