Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0214 Datasheet(PDF) 238 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 238 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 234Page - STMicroelectronics PM0214 Datasheet HTML 235Page - STMicroelectronics PM0214 Datasheet HTML 236Page - STMicroelectronics PM0214 Datasheet HTML 237Page - STMicroelectronics PM0214 Datasheet HTML 238Page - STMicroelectronics PM0214 Datasheet HTML 239Page - STMicroelectronics PM0214 Datasheet HTML 240Page - STMicroelectronics PM0214 Datasheet HTML 241Page - STMicroelectronics PM0214 Datasheet HTML 242Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 245 page
background image
Core peripherals
PM0214
238/245
DocID022708 Rev 4
Bit 31
ASPEN: Enables CONTROL<2> setting on execution of a floating-point instruction. This
results in automatic hardware state preservation and restoration, for floating-point context, on
exception entry and exit.
0: Disable CONTROL<2> setting on execution of a floating-point instruction.
1: Enable CONTROL<2> setting on execution of a floating-point instruction.
Bit 30
LSPEN:
0: Disable automatic lazy state preservation for floating-point context.
1: Enable automatic lazy state preservation for floating-point context.
Bits 29:9
Reserved.
Bit 8
MONRDY:
0: DebugMonitor is disabled or priority did not permit setting MON_PEND when the floating-
point stack frame was allocated.
1: DebugMonitor is enabled and priority permits setting MON_PEND when the floating-point
stack frame was allocated.
Bit 7
Reserved.
Bit 6
BFRDY:
0: BusFault is disabled or priority did not permit setting the BusFault handler to the pending
state when the floating-point stack frame was allocated.
1: BusFault is enabled and priority permitted setting the BusFault handler to the pending state
when the floating-point stack frame was allocated.
Bit 5
MMRDY:
0: MemManage is disabled or priority did not permit setting the MemManage handler to the
pending state when the floating-point stack frame was allocated.
1: MemManage is enabled and priority permitted setting the MemManage handler to the
pending state when the floating-point stack frame was allocated.
Bit 4
HFRDY:
0: Priority did not permit setting the HardFault handler to the pending state when the floating-
point stack frame was allocated.
1: Priority permitted setting the HardFault handler to the pending state when the floating-point
stack frame was allocated.
Bit 3
THREAD:
0: Mode was not Thread Mode when the floating-point stack frame was allocated.
1: Mode was Thread Mode when the floating-point stack frame was allocated.
Bit 2
Reserved.
Bit 1
USER:
0: Privilege level was not user when the floating-point stack frame was allocated.
1: Privilege level was user when the floating-point stack frame was allocated.
Bit 1
LSPACT:
0: Lazy state preservation is not active.
1: Lazy state preservation is active. floating-point stack frame has been allocated but saving
state to it has been deferred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com