Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C765/P Datasheet(PDF) 125 Page - Microchip Technology

Part # PIC16C765/P
Description  8-Bit CMOS Microcontrollers with USB
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C765/P Datasheet(HTML) 125 Page - Microchip Technology

Back Button PIC16C765/P Datasheet HTML 121Page - Microchip Technology PIC16C765/P Datasheet HTML 122Page - Microchip Technology PIC16C765/P Datasheet HTML 123Page - Microchip Technology PIC16C765/P Datasheet HTML 124Page - Microchip Technology PIC16C765/P Datasheet HTML 125Page - Microchip Technology PIC16C765/P Datasheet HTML 126Page - Microchip Technology PIC16C765/P Datasheet HTML 127Page - Microchip Technology PIC16C765/P Datasheet HTML 128Page - Microchip Technology PIC16C765/P Datasheet HTML 129Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 158 page
background image
© 1999 Microchip Technology Inc.
Advanced Information
DS41124A-page 125
PIC16C745/765
16.1
DC Characteristics:
PIC16C745/765 (Commercial, Industrial)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
0°C
≤ TA ≤
+70°C
for commercial
-40°C
≤ TA ≤
+85°C
for industrial
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
D001
VDD
Supply Voltage
4.35
–
5.25
V
See Figure 16-1
D002*
VDR
RAM Data Retention
Voltage (Note 1)
–
1.5
–
V
D003
VPOR
VDD Start Voltage to ensure
internal
Power-on Reset signal
–
VSS
–
V
See section on Power-on Reset for details
D004*
D004A*
SVDD
VDD Rise Rate to ensure inter-
nal Power-on Reset signal
0.05
TBD
–
–
–
–
V/mS
V/mS
PWRT enabled (PWRTE bit clear)
PWRT disabled (PWRTE bit set)
See section on Power-on Reset for details
D005
VBOR
Brown-out Reset
voltage trip point
3.65
–
4.35
V
Brown-out Reset is always active
D010
D013
IDD
Supply Current
(Note 2, 4)
TBD
TBD
TBD
TBD
TBD
TBD
mA
FINT = 24 MHz, VDD = 4.35V
FINT = 24 MHz, VDD = 5.25V
D020
D021
D021B
IPD
Power-down Current
(Note 3, 4)
TBD
TBD
TBD
TBD
TBD
TBD
µA
µA
VDD = 4.35V
VDD = 5.25V
D022*
D022A*
∆IWDT
∆IBOR
∆ICCP
∆IA/D
∆IUSB
∆IUSB
∆PLL
Module Differential
Current (Note 5, 6)
Watchdog Timer
Brown-out Reset
Capture Compare PWM
Analog
Not suspend mode
Suspend mode
Phase Lock Loop
–
–
TBD
TBD
TBD
TBD
TBD
6.0
100
TBD
TBD
TBD
TBD
TBD
20
150
TBD
TBD
TBD
TBD
TBD
µA
µA
µA
µA
µA
µA
µA
WDTE bit set, VDD = 4.35V
BODEN bit set, VDD = 5.0V
1A
FOSC
HS oscillator operating freq.
H4 oscillator operating freg.
EC oscillator operating freq.
E4 oscillator operating freq.
24
6
24
6
—
—
—
—
24
6
24
6
MHz
MHz
MHz
MHz
All temperatures
All temperatures
All temperatures
All temperatures
* These parameters are characterized but not tested.
† Data in “Typ” column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance only and are not tested.
Note 1:
This is the limit to which VDD can be lowered without losing RAM data.
2:
The supply current is mainly a function of the operating voltage and frequency. Other factors such as I/O pin loading and
switching rate, oscillator type, internal code execution pattern and temperature also have an impact on the current consump-
tion.
The test conditions for all IDD measurements in active operation mode are:
OSC1 = external square wave, from rail to rail; all I/O pins tristated, pulled to VDD,
MCLR = VDD; WDT enabled/disabled as specified.
3:
The power-down current in SLEEP mode does not depend on the oscillator type. Power-down current is measured with the
part in SLEEP mode, with all I/O pins in hi-impedance state and tied to VDD and VSS.
4:
Timer1 oscillator (when enabled) adds approximately 20
µA to the specification. This value is from characterization and is for
design guidance only. This is not tested.
5:
The
∆ current is the additional current consumed when this peripheral is enabled. This current should be added to the base IDD
or IPD measurement.
6:
Module differential currents measured at FINT = 24 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com