Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C765/P Datasheet(PDF) 99 Page - Microchip Technology

Part # PIC16C765/P
Description  8-Bit CMOS Microcontrollers with USB
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C765/P Datasheet(HTML) 99 Page - Microchip Technology

Back Button PIC16C765/P Datasheet HTML 95Page - Microchip Technology PIC16C765/P Datasheet HTML 96Page - Microchip Technology PIC16C765/P Datasheet HTML 97Page - Microchip Technology PIC16C765/P Datasheet HTML 98Page - Microchip Technology PIC16C765/P Datasheet HTML 99Page - Microchip Technology PIC16C765/P Datasheet HTML 100Page - Microchip Technology PIC16C765/P Datasheet HTML 101Page - Microchip Technology PIC16C765/P Datasheet HTML 102Page - Microchip Technology PIC16C765/P Datasheet HTML 103Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 158 page
background image
© 1999 Microchip Technology Inc.
Advanced Information
DS41124A-page 99
PIC16C745/765
13.4
Resets
13.4.1
POWER-ON RESET (POR)
A Power-on Reset pulse is generated on-chip when
VDD rise is detected (in the range of 1.5V - 2.1V). To
take advantage of the POR, just tie the MCLR pin
directly (or through a resistor) to VDD. This will elimi-
nate external RC components usually needed to create
a POR. A maximum rise time for VDD is specified. See
Electrical Specifications for details.
When the device starts normal operation (exits the
reset condition), device operating parameters (voltage,
frequency, temperature) must be met to ensure opera-
tion. If these conditions are not met, the device must be
held in reset until the operating conditions are met.
Brown-out reset may be used to meet the startup con-
ditions.
For additional information, refer to Application Note
AN607, “
Power-up Trouble Shooting.”
13.4.2
POWER-UP TIMER (PWRT)
The Power-up Timer provides a fixed 72 ms nominal
time-out on power-up from the POR. The PWRT oper-
ates on an internal RC oscillator. The device is kept in
reset as long as the PWRT is active. The PWRT’s time
delay allows VDD to rise to an acceptable level. A con-
figuration bit is provided to enable/disable the PWRT.
The power-up time delay will vary from chip to chip due
to VDD, temperature and process variation. See DC
parameters for details (TPWRT, parameter #33).
13.4.3
OSCILLATOR START-UP TIMER (OST)
The Oscillator Start-up Timer provides a delay of 1024
oscillator cycles (from OSC1 input) after the PWRT
delay. This ensures that the crystal oscillator or resona-
tor has started and stabilized.
The OST time-out is invoked only for HS mode and only
on power-on reset or wake-up from SLEEP.
13.4.4
BROWN-OUT RESET (BOR)
If VDD falls below VBOR (parameter D005) for longer
than TBOR (parameter #35), the brown-out situation
will reset the device. If VDD falls below VBOR for less
than TBOR, a reset may not occur.
Once the brown-out occurs, the device will remain in
brown-out reset until VDD rises above VBOR. The
power-up timer then keeps the device in reset for
TPWRT (parameter #33). If VDD should fall below VBOR
during TPWRT, the brown-out reset process will restart
when VDD rises above VBOR with the power-up timer
reset. Since the device is intended to operate at 5V
nominal only, the brown-out detect is always enabled
and the device will reset when Vdd falls below the
brown-out threshold. This device is unique in that the
4
•WDT timer will not activate after a brown-out if
PWRTE = 1 (inactive).
13.4.5
TIME-OUT SEQUENCE
On power-up, the time-out sequence is as follows: The
PWRT delay starts (if enabled) when a POR reset
occurs. Then OST starts counting 1024 oscillator
cycles when PWRT ends (HS). When the OST ends,
the device comes out of RESET.
If MCLR is kept low long enough, the time-outs will
expire. Bringing MCLR high will begin execution imme-
diately. This is useful for testing purposes or to synchro-
nize more than one PIC16CXX device operating in
parallel.
Table 13-5 shows the reset conditions for the STATUS,
PCON and PC registers, while Table 13-7 shows the
reset conditions for all the registers.
13.4.6
POWER CONTROL/STATUS REGISTER
(PCON)
The Brown-out Reset Status bit, BOR, is unknown on a
POR. It must be set by the user and checked on subse-
quent resets to see if bit BOR was cleared, indicating a
BOR occurred. The BOR bit is not predictable if the
brown-out reset circuitry is disabled.
The Power-on Reset Status bit, POR, is cleared on a
POR and unaffected otherwise. The user must set this
bit following a POR and check it on subsequent resets
to see if it has been cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com