Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C765/P Datasheet(PDF) 157 Page - Microchip Technology

Part # PIC16C765/P
Description  8-Bit CMOS Microcontrollers with USB
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C765/P Datasheet(HTML) 157 Page - Microchip Technology

Back Button PIC16C765/P Datasheet HTML 150Page - Microchip Technology PIC16C765/P Datasheet HTML 151Page - Microchip Technology PIC16C765/P Datasheet HTML 152Page - Microchip Technology PIC16C765/P Datasheet HTML 153Page - Microchip Technology PIC16C765/P Datasheet HTML 154Page - Microchip Technology PIC16C765/P Datasheet HTML 155Page - Microchip Technology PIC16C765/P Datasheet HTML 156Page - Microchip Technology PIC16C765/P Datasheet HTML 157Page - Microchip Technology PIC16C765/P Datasheet HTML 158Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 157 / 158 page
background image
© 1999 Microchip Technology Inc.
Advanced Information
DS41124A-page 157
PIC16C745/765
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
* JW Devices are UV erasable and can be programmed to any device configuration. JW Devices meet the electrical requirement of
each oscillator type.
Sales and Support
PART NO.
X
/XX
XXX
Pattern
Package
Temperature
Range
Device
Device
PIC16C745(1), PIC16C745T(2)
PIC16C765(1), PIC16C765T(2)
Temperature Range
blank
=
0
°C to
70
°C
(Commercial)
I= -40
°C to +85°C
(Industrial)
Package
JW
=
Windowed CERDIP - 600 mil
PT
=
TQFP (Thin Quad Flatpack)
SO
=
SOIC
SP
=
Skinny plastic dip
P=
PDIP
L=
PLCC
Pattern
QTP Code or Special Requirements
(blank otherwise)
Examples:
a)
PIC16C745/P 301 = Commercial temp., PDIP
package, 6 MHz, QTP pattern #301.
Note 1:
C
= CMOS
Note 2:
T
= in tape and reel - SOIC,
PLCC, TQFP, packages only.
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recom-
mended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (480) 786-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
New Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com