Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F010 Datasheet(PDF) 115 Page - Microchip Technology

Part # PIC18F010
Description  High Performance Microcontrollers
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F010 Datasheet(HTML) 115 Page - Microchip Technology

Back Button PIC18F010 Datasheet HTML 111Page - Microchip Technology PIC18F010 Datasheet HTML 112Page - Microchip Technology PIC18F010 Datasheet HTML 113Page - Microchip Technology PIC18F010 Datasheet HTML 114Page - Microchip Technology PIC18F010 Datasheet HTML 115Page - Microchip Technology PIC18F010 Datasheet HTML 116Page - Microchip Technology PIC18F010 Datasheet HTML 117Page - Microchip Technology PIC18F010 Datasheet HTML 118Page - Microchip Technology PIC18F010 Datasheet HTML 119Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 176 page
background image
 2001 Microchip Technology Inc.
Preliminary
DS41142A-page 113
PIC18F010/020
CPFSGT
Compare f with WREG,
skip if f > WREG
Syntax:
[ label ] CPFSGT
f [,a]
Operands:
0
≤ f ≤ 255
a
∈ [0,1]
Operation:
(f)
− (WREG),
skip if (f) > (WREG)
(unsigned comparison)
Status Affected:
None
Encoding:
0110
010a
ffff
ffff
Description:
Compares the contents of data
memory location ’f’ to the contents
of the WREG by performing an
unsigned subtraction.
If the contents of ’f’ are greater than
the contents of
, then the fetched
instruction is discarded and a NOP
is executed instead making this a
two-cycle instruction. If ’a’ is 0, the
Access Bank will be selected, over-
riding the BSR value. If ’a’ is 1, the
Bank will be selected as per the
BSR value.
Words:
1
Cycles:
1(2)
Note: 3 cycles if skip and followed
by a 2-word instruction.
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register ’f’
Process
Data
No
operation
If skip:
Q1
Q2
Q3
Q4
No
operation
No
operation
No
operation
No
operation
If skip and followed by 2-word instruction:
Q1
Q2
Q3
Q4
No
operation
No
operation
No
operation
No
operation
No
operation
No
operation
No
operation
No
operation
Example:
HERE
CPFSGT REG
NGREATER
:
GREATER
:
Before Instruction
PC
=
Address (HERE)
WREG
=
?
After Instruction
If REG
>
WREG;
PC
=
Address (GREATER)
If REG
≤
WREG;
PC
=
Address (NGREATER)
CPFSLT
Compare f with WREG,
skip if f < WREG
Syntax:
[ label ] CPFSLT
f [,a]
Operands:
0
≤ f ≤ 255
a
∈ [0,1]
Operation:
(f) –
(WREG),
skip if (f) < (WREG)
(unsigned comparison)
Status Affected:
None
Encoding:
0110
000a
ffff
ffff
Description:
Compares the contents of data
memory location 'f' to the contents
of WREG by performing an
unsigned subtraction.
If the contents of 'f' are less than
the contents of WREG, then the
fetched instruction is discarded and
a NOP is executed instead making
this a two-cycle instruction. If ’a’ is
0, the Access Bank will be
selected. If ’a’ is 1, the Bank will be
selected as per the BSR value.
Words:
1
Cycles:
1(2)
Note: 3 cycles if skip and followed
by a 2-word instruction.
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register ’f’
Process
Data
No
operation
If skip:
Q1
Q2
Q3
Q4
No
operation
No
operation
No
operation
No
operation
If skip and followed by 2-word instruction:
Q1
Q2
Q3
Q4
No
operation
No
operation
No
operation
No
operation
No
operation
No
operation
No
operation
No
operation
Example:
HERE
CPFSLT REG
NLESS
:
LESS
:
Before Instruction
PC
=
Address (HERE)
WREG
=
?
After Instruction
If REG
<
WREG;
PC
=
Address (LESS)
If REG
≥
WREG;
PC
=
Address (NLESS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com