Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F010 Datasheet(PDF) 116 Page - Microchip Technology

Part # PIC18F010
Description  High Performance Microcontrollers
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F010 Datasheet(HTML) 116 Page - Microchip Technology

Back Button PIC18F010 Datasheet HTML 112Page - Microchip Technology PIC18F010 Datasheet HTML 113Page - Microchip Technology PIC18F010 Datasheet HTML 114Page - Microchip Technology PIC18F010 Datasheet HTML 115Page - Microchip Technology PIC18F010 Datasheet HTML 116Page - Microchip Technology PIC18F010 Datasheet HTML 117Page - Microchip Technology PIC18F010 Datasheet HTML 118Page - Microchip Technology PIC18F010 Datasheet HTML 119Page - Microchip Technology PIC18F010 Datasheet HTML 120Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 176 page
background image
PIC18F010/020
DS41142A-page 114
Preliminary
 2001 Microchip Technology Inc.
DAW
Decimal Adjust WREG Register
Syntax:
[label] DAW
Operands:
None
Operation:
If [WREG<3:0> >9] or [DC = 1]
then
(WREG<3:0>) + 6
→ W<3:0>;
else
(WREG<3:0>)
→ W<3:0>;
If [WREG<7:4> >9] or [C = 1] then
(WREG<7:4>) + 6
→ WREG<7:4>;
else
(WREG<7:4>)
→ WREG<7:4>;
Status Affected:
C
Encoding:
0000
0000
0000
0111
Description:
DAW adjusts the eight bit value in
WREG resulting from the earlier
addition of two variables (each in
packed BCD format) and produces
a correct packed BCD result.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register WREG
Process
Data
Write
WREG
Example1:
DAW
Before Instruction
WREG
=
0xA5
C=
0
DC
=
0
After Instruction
WREG
=
0x05
C=
1
DC
=
0
Example 2:
Before Instruction
WREG
=
0xCE
C=
0
DC
=
0
After Instruction
WREG
=
0x34
C=
1
DC
=
0
DECF
Decrement f
Syntax:
[ label ] DECF f [ ,d [,a] ]
Operands:
0
≤ f ≤ 255
d
∈ [0,1]
a
∈ [0,1]
Operation:
(f) – 1
→ dest
Status Affected:
C,DC,N,OV,Z
Encoding:
0000
01da
ffff
ffff
Description:
Decrement register 'f'. If 'd' is 0, the
result is stored in WREG. If 'd' is 1,
the result is stored back in register
'f' (default). If ’a’ is 0, the Access
Bank will be selected, overriding
the BSR value. If ’a’ is 1, the Bank
will be selected as per the BSR
value.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register ’f’
Process
Data
Write to
destination
Example:
DECF
CNT
Before Instruction
CNT
=
0x01
Z=
0
After Instruction
CNT
=
0x00
Z=
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com