Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83953 Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83953
Description  Repeater Interface Controller with Security Features, Internal Drivers and Integrated Filters
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83953 Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button DP83953 Datasheet HTML 20Page - National Semiconductor (TI) DP83953 Datasheet HTML 21Page - National Semiconductor (TI) DP83953 Datasheet HTML 22Page - National Semiconductor (TI) DP83953 Datasheet HTML 23Page - National Semiconductor (TI) DP83953 Datasheet HTML 24Page - National Semiconductor (TI) DP83953 Datasheet HTML 25Page - National Semiconductor (TI) DP83953 Datasheet HTML 26Page - National Semiconductor (TI) DP83953 Datasheet HTML 27Page - National Semiconductor (TI) DP83953 Datasheet HTML 28Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 90 page
background image
4.0 Functional Description (Continued)
24
www.national.com
on its segment, but in addition it is higher in the arbitration
chain. This priority yields no benefits for port A1 since the
ANYXN signal is still active. There are now two sources
driving ANYXN, the MSMs and the collision on port B1.
Eventually the collision on port B1 ends and the ANYXN
extension by the MSMs expires. There is only one collision
on the network (this may be deduced since ANYXN is inac-
tive) so the repeater will move to the
ONE PORT LEFT
state. The RIC2A system treats this state in a similar man-
ner to a receive collision with
PORT M fulfilling the role of
the receiving port. The difference from a true receive colli-
sion is that the switch from packet data to the jam pattern
has already been made (controlled by ANYXN). Thus the
state of COLN has no effect upon repeater operations. In
common with the operation of the
RECEIVE COLLISION
state, the repeater remains in this condition until the colli-
sion and receive activity on
PORT M subside. The packet
repetition operation completes when the
Tw1 recovery time
in the
WAIT state has been performed.
Note: In transmit collision conditions
COLN will only go active if the RIC2A
which contained
PORT N at the start of packet repetition contains PORT M
during the
TRANSMIT COLLISION and ONE PORT LEFT states.
Jabber Protection
A repeater is required to disable transmit activity if the
length of its current transmission reaches the jabber pro-
tect limit. This is defined by the specification's
Tw3 time.
The repeater disables output for a time period defined by
the
Tw4 specification, after this period normal operation
may resume.
Figure 9 shows the effect of a jabber length packet upon a
RIC2A based repeater system. The JABBER PROTECT
state is entered from the
SEND DATA state. While the Tw4
period is observed the Inter-RIC bus displays the IDLE
state. This is misleading since new packet activity or contin-
uous activity (as shown in the diagram) does not result in
packet repetition. This may only occur when the
Tw4 re-
quirement has been satisfied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com