Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83953 Datasheet(PDF) 75 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83953
Description  Repeater Interface Controller with Security Features, Internal Drivers and Integrated Filters
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83953 Datasheet(HTML) 75 Page - National Semiconductor (TI)

Back Button DP83953 Datasheet HTML 71Page - National Semiconductor (TI) DP83953 Datasheet HTML 72Page - National Semiconductor (TI) DP83953 Datasheet HTML 73Page - National Semiconductor (TI) DP83953 Datasheet HTML 74Page - National Semiconductor (TI) DP83953 Datasheet HTML 75Page - National Semiconductor (TI) DP83953 Datasheet HTML 76Page - National Semiconductor (TI) DP83953 Datasheet HTML 77Page - National Semiconductor (TI) DP83953 Datasheet HTML 78Page - National Semiconductor (TI) DP83953 Datasheet HTML 79Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 90 page
background image
75
www.national.com
8.0 Board Layout Recommendations
There are numerous methods to layout PCB boards to
achieve successful proper operation. Two options for the
RIC2A layout are presented here. These NSC recommen-
dations have not been empirically proven in the laboratory.
Power and Ground Planes
Standard analog design techniques should be utilized
when laying out the power supply traces on the board. If a
digital power supply is used, NSC recommends a one pole
RC filter designed with a cut-off frequency of 1 kHz to
improve the signal jitter performance. See the figure below
This methodology facilitates locking of the PLL when cap-
turing the incoming signal. This filtering scheme should be
implemented on each of the analog power and ground pins
(VDDA, GNDA, VDDPLL, GNDPLL, VDDWS, GNDWS). Addi-
tionally, NSC recommends ferrite chokes to isolate the vari-
ous ground signals.
Power Plane
The power plane should be divided into distinct islands to
reduce and isolate noise effects. The signal traces which
traverse across multiple islands should be minimized and
impedance matched to reduce standing wave reflections.
The power plane for the device may be divided into three
regions as shown in the figure: Digital VDD, Analog VDD and
PLL VDD. Or, it may be divided in only two regions: by com-
bining the Analog and PLL VDD regions into one, and leav-
ing the Digital VDD as a separate region. NSC recommends
ferrite beads to isolate the Digital VDD and Analog VDD
regions
Ground Plane
Option 1: The ground plane is one single uniform plane.
Option 2: The ground plane for the RIC2A is divided into
islands to minimize the effects of noise. The signal traces
which traverse across multiple islands should be minimized
and impedance matched to reduce standing wave reflec-
tions.
The ground plane for the device may be divided into three
regions as shown in the figure: Digital GND, Analog GND
and PLL GND. Or, it can be divided in only two regions: by
combining the Analog and PLL GND regions into one, and
leave the Digital GND as a separate region. NSC recom-
mends a ferrite bead between the Digital GND (Board
GND) and Analog GND regions for isolation.
The ground pin on the external 40 MHz oscillator should be
connected to the RIC2A's digital ground region. (The out-
put of the oscillator will be connected to RIC2A's CLKIN
signal, pin 100.)
All the port ground pins on the RIC2A should be connected
to the digital ground region. If only two regions are created,
the GNDPLL, GNDWS, and GNDA pins on the RIC2A
should be connected to the analog ground region.
Device Layout
Due to high device power dissipation, additional layout con-
siderations should be applied to ease that process. Placing
an additional metal layer right below the device placement
(on the component layer) will sink additional current into the
ground plane and will aid in cooling the device. See
Figure 25. The metal traces should be placed between the
last corner pins on both sides. Make the traces as thick as
possible. Multiple vias to ground should be placed on these
metal traces (and as many as layout will allow).
The RIC2A Airflow Fan
For a RIC2A design, a fan is recommended to increase air-
flow and keep junction temperature down.
Decoupling Capacitors
National
strongly
recommends
decoupling
capacitors
between the power and ground pins. See Figure 26 below
for specific placement and value.
Figure 22. Recommended RC Filter
Figure 23. The RIC2A Power Plane is Divided into
Islands to Reduce and Isolate Noise Effects



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com