Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83953 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83953
Description  Repeater Interface Controller with Security Features, Internal Drivers and Integrated Filters
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83953 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button DP83953 Datasheet HTML 4Page - National Semiconductor (TI) DP83953 Datasheet HTML 5Page - National Semiconductor (TI) DP83953 Datasheet HTML 6Page - National Semiconductor (TI) DP83953 Datasheet HTML 7Page - National Semiconductor (TI) DP83953 Datasheet HTML 8Page - National Semiconductor (TI) DP83953 Datasheet HTML 9Page - National Semiconductor (TI) DP83953 Datasheet HTML 10Page - National Semiconductor (TI) DP83953 Datasheet HTML 11Page - National Semiconductor (TI) DP83953 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 90 page
background image
2.0 Pin Descriptions (Continued)
8
www.national.com
TT = TTL compatible, B = Bi-directional, C = CMOS compatible, OD = Open Drain, I = Input, O = Output,
Z = high impedance,
Pin Name
Pin No.
Driver
Type
I/O
Description
Inter-RIC Bus Pins
ACKI
53
TT
I
ACKNOWLEDGE INPUT: Input to the network ports' arbitration
chain.
ACKO
60
TT
O
ACKNOWLEDGE OUTPUT: Output from the network ports' arbi-
tration chain.
IRD
76
TT
B,Z
INTER-RIC DATA: When asserted as an output this signal pro-
vides a serial data stream in NRZ format. The signal is asserted by
a RIC2A when it is receiving data from one of its network seg-
ments. The default condition of this signal is to be an input. In this
state it may be driven by other devices on the Inter-RIC bus.
IRE
77
TT
B,Z
INTER-RIC ENABLE: When asserted as an output this signal pro-
vides an activity framing enable for the serial data stream. The sig-
nal is asserted by a RIC2A when it is receiving data from one of its
network segments. The default condition of this signal is to be an
input. In this state it may be driven by other devices on the Inter-
RIC bus.
IRC
78
TT
B,Z
INTER-RIC CLOCK: When asserted as an output this signal pro-
vides a clock signal for the serial data stream. Data (IRD) is
changed on the falling edge of the clock. The signal is asserted by
a RIC2A when it is receiving data from one of its network seg-
ments. The default condition of this signal is to be an input. When
an input, IRD is sampled on the rising edge of the clock. In this
state it may be driven by other devices on the Inter-RIC bus.
COLN
75
TT
B,Z
COLLISION ON PORT N: This denotes that a collision is occurring
on the port receiving the data packet. The default condition of this
signal is to be an input. In this state it may be driven by other de-
vices on the Inter-RIC bus.
PKEN
72
C
O
PACKET ENABLE: This output acts as an active high enable for
an external bus transceiver (if required) for the IRE, IRC IRD and
COLN signals. When high the bus transceiver should be transmit-
ting on to the bus, i.e. this RIC2A is driving the IRD, IRE, IRC, and
COLN bus lines. When low the bus transceiver should receive from
the bus.
CLKIN
100
TT
I
40 MHz CLOCK INPUT: This input is used to generate the
RIC2A's timing reference for the state machines, and phase lock
loop decoder.
ACTND
62
OD
O
ACTIVITY ON PORT N DRIVE: This output is active when the
RIC2A is receiving data or collision information from one of its net-
work segments.
ACTNS
52
TT
I
ACTIVITY ON PORT N SENSE: This input senses when this or an-
other RIC2A in a multi-RIC2A system is receiving data or collision
information.
ANYXND
61
OD
O
ACTIVITY ON ANY PORT EXCLUDING PORT N DRIVE: This
output is active when a RIC2A is experiencing a transmit collision
or multiple ports have active collisions on their network segments.
ANYXNS
51
TT
I
ACTIVITY ON ANY PORT EXCLUDING PORT N SENSE: This in-
put senses when this RIC2A or other RIC2As in a multi-RIC2A sys-
tem are experiencing transmit collisions or multiple ports have
active collisions on their network segments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com