Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83953 Datasheet(PDF) 87 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83953
Description  Repeater Interface Controller with Security Features, Internal Drivers and Integrated Filters
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83953 Datasheet(HTML) 87 Page - National Semiconductor (TI)

Back Button DP83953 Datasheet HTML 82Page - National Semiconductor (TI) DP83953 Datasheet HTML 83Page - National Semiconductor (TI) DP83953 Datasheet HTML 84Page - National Semiconductor (TI) DP83953 Datasheet HTML 85Page - National Semiconductor (TI) DP83953 Datasheet HTML 86Page - National Semiconductor (TI) DP83953 Datasheet HTML 87Page - National Semiconductor (TI) DP83953 Datasheet HTML 88Page - National Semiconductor (TI) DP83953 Datasheet HTML 89Page - National Semiconductor (TI) DP83953 Datasheet HTML 90Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 87 / 90 page
background image
87
www.national.com
9.0 DC and AC Specification (Continued)
CDEC TIMING
REGISTER READ TIMING
Note: Minimum high time between read/write cycle is 100 ns.
Number
Symbol
Parameter
Min
Max
Units
T70
cdecpw
CDEC pulse width
20
100
ns
T71
cdeccdec
CDEC to CDEC width
200
ns
Number
Symbol
Parameter
Min
Max
Units
T80
T81
rdadrs
rdadrh
Read address setup
Read address hold
0
0
ns
ns
T82
T83
rdabufa
rdibufi
Read active to BUFEN active
Read inactive to BUFEN inactive
95
345
35
ns
ns
T84
T85
rdadatv
rddath
Read active to Data valid
Read Data hold
245
75
ns
ns
T86
T87
rdardya
rdirdyi
Read active to RDY active
Read inactive to RDY inactive
340
585
30
ns
ns
T88
rdw
Read width
600
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com