| Electronic Components Datasheet Search |
|
DP83953 Datasheet(PDF) 23 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP83953 Datasheet(HTML) 23 Page - National Semiconductor (TI) |
|
23 / 90 page ![]() 4.0 Functional Description (Continued) 23 www.national.com Receive Collisions (AUI Port only) A receive collision is a collision which occurs on the net- work segment attached to the AUI port. The collision is "received" in a similar manner as a data packet is received, and then repeated to the other network segments. Not sur- prisingly, the receive collision propagation follows a similar sequence of operations as data repetition. An arbitration process is performed to find PORT N and a preamble/jam pattern is transmitted by the repeater's other ports. When the AUI port as PORT N detects a collision on its segment the COLN Inter-RIC bus signal is asserted. This forces all the RIC2As in the system to transmit a pre- amble/jam pattern to their segments. This is important since they may be already transmitting data from their elas- ticity buffers. The repeater moves to the RECEIVE COLLI- SION state and begins to transmit the jam pattern. The repeater remains in this state until both the following condi- tions have been fulfilled: 1. at least 96 bits have been transmitted onto the network, 2. the activity has ended. Under close examination, the repeater specification reveals that the actual end of activity has its own permutations of conditions: 1. collision and receive data signals may end simulta- neously, 2. receive data may appear to end before collision signals, 3. receive data may continue for some time after the end of the collision signal. Network segments using coaxial media may experience spurious gaps in segment activity when the collision signal goes inactive. This arises from the inter-action between the receive and collision signal squelch circuits, implemented in coaxial transceivers, and the properties of the coaxial cable itself. The repeater specification avoids propagation of these activity gaps by extending collision activity by the Tw2 wait time. Jam pattern transmission must be sustained throughout this period. After this, the repeater will move to the WAIT state unless there is a data signal being received by the AUI port as PORT N. The functional timing diagram, Figure 7, shows the opera- tion of a repeater system during a receive collision. The system configuration is the same as earlier described and is shown in Figure 6. The RIC2As perform the same PORT N arbitration and data repetition operations described previously. The sys- tem is notified of the receive collision on the AUI port by the COLN bus signal going active. This signal informs the main state machines to send out the jam pattern rather than valid data stored in the elasticity buffers. Once a collision has occurred, the IRC, IRD and IRE bus signals may become undefined. When the collision has ended and the Tw2 operation performed, the repeater moves to the WAIT state. Transmit Collisions A transmit collision is a collision that is detected upon a segment to which the repeater system is transmitting. The port state machine monitoring the colliding segment asserts the ANYXN bus signal. The assertion of ANYXN causes PORT M arbitration to begin. The repeater moves to the TRANSMIT COLLISION state when the port which had been PORT N starts to transmit a Manchester encoded 1 on to its network segment. While in the TRANS- MIT COLLISION state, all ports of the repeater must trans- mit the 1010... jam pattern, and PORT M arbitration is performed. Each RIC2A is obligated, by the IEEE specifica- tion, to ensure all of its ports transmit for at least 96 bits once the TRANSMIT COLLISION state has been entered. This transmit activity is enforced by the ANYXN bus signal. While ANYXN is active, all RIC2A ports will transmit jam. To ensure this situation lasts for at least 96 bits, the MSM inside the RIC2As assert the ANYXN signal throughout this period. After this period has elapsed, ANYXN will only be asserted if there are multiple ports with active collisions on their network segments. There are two possible ways for a repeater to leave the TRANSMIT COLLISION state. The most straight forward is when network activity, i.e., collisions and their Tw2 exten- sions, end before the 96 bit enforced period expires. Under these conditions the repeater system may move directly to the WAIT state when 96 bits have been transmitted to all ports. If the MSM enforced period ends and there is still one port experiencing a collision, the ONE PORT LEFT state is entered. This may be seen on the Inter-RIC bus when ANYXN is de-asserted and PORT M stops transmit- ting to its network segment. In this circumstance the Inter- RIC bus transitions to the RECEIVE COLLISION state. The repeater will remain in this state while PORT M's colli- sion, Tw2 collision extension and any receive signals are present. When these conditions are not true, packet repeti- tion finishes and the repeater enters the WAIT state. Figure 8 shows a multi-RIC2A system operating under transmit collision conditions. There are many different sce- narios which may occur during a transmit collision, this fig- ure illustrates one of these. The diagram begins with packet reception by port A1. Port B1 experiences a colli- sion, since it is not PORT N it asserts ANYXN. This alerts the main state machines in the system to switch from data to jam pattern transmission. Port A1 is also monitoring the ANYXN bus line. Its asser- tion forces A1 to relinquish its PORT N status, start trans- mitting, stop asserting ACTN and release its hold on the PSM arbitration signals (ACKO A and ACKI B). The first bit it transmits will be a Manchester encoded "1" in the jam pattern. Since port B1 is the only port with a collision, it attains PORT M status and stops asserting ANYXN. It does however assert ACTN, and exert its presence upon the PSM arbitration chain (forces ACKO B low). The MSMs ensure that ANYXN stays active and thus force all of the ports, including PORT M, to transmit to their segments. After some time port A1 experiences a collision. This arises from the presence of the packet being received from port A1's segment and the jam signal the repeater is now trans- mitting onto this segment. Simultaneous receive and trans- mit activity on one segment results in a collision. Port A1 fulfills the same criteria as B1, i.e., it has an active collision |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |