Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83953 Datasheet(PDF) 30 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83953
Description  Repeater Interface Controller with Security Features, Internal Drivers and Integrated Filters
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83953 Datasheet(HTML) 30 Page - National Semiconductor (TI)

Back Button DP83953 Datasheet HTML 26Page - National Semiconductor (TI) DP83953 Datasheet HTML 27Page - National Semiconductor (TI) DP83953 Datasheet HTML 28Page - National Semiconductor (TI) DP83953 Datasheet HTML 29Page - National Semiconductor (TI) DP83953 Datasheet HTML 30Page - National Semiconductor (TI) DP83953 Datasheet HTML 31Page - National Semiconductor (TI) DP83953 Datasheet HTML 32Page - National Semiconductor (TI) DP83953 Datasheet HTML 33Page - National Semiconductor (TI) DP83953 Datasheet HTML 34Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 90 page
background image
4.0 Functional Description (Continued)
30
www.national.com
4.7 Description Of Hardware Connection For Pro-
cessor And Display Interface
Display Update Cycles
The RIC2A possesses control logic and interface pins
which may be used to provide status information concern-
ing activity on the attached network segments and the cur-
rent status of repeater functions. These status cycles are
completely autonomous and require only simple support
circuitry to produce the data in a form suitable for a light
emitting diode "LED" display. The display may be used in
one of two modes:
1. Minimum mode - General Repeater Status LEDs
2. Maximum mode - Individual Port Status LEDs
Minimum mode, intended for simple LED displays, makes
available four status indicators. The first LED denotes
whether the RIC2A has been forced to activate its jabber
protect functions. The remaining 3 LEDs indicate if any of
the RIC2A's network segments are: (1) experiencing a col-
lision, (2) receiving data, (3) currently partitioned. When
minimum display mode is selected the only external com-
ponents required are a 74LS374 type latch, the LEDs and
their current limiting resistors.
Maximum mode differs from minimum mode by providing
display information specific to individual network segments.
This information denotes the collision activity, packet
reception and partition status of each segment. In the case
of 10BASE-T segments the link integrity status and polarity
of the received data are also made available. The wide
variety of information available in maximum mode may be
used in its entirety or in part. This allows the system
designer to choose the appropriate complexity of status
display commensurate with the specification of the end
equipment.
The signals provided and their timing relationships have
been designed to interface directly with 74LS259 type
addressable latches. The number of latches used being
depend upon the complexity of the display. Since the
latches are octal, a pair is needed to display each type of
segment specific data (13 ports means 13 latch bits). The
accompanying Table 2 and Table 3 show the function of the
interface pins in minimum and maximum modes. Table 4
shows the location of each port's status information when
maximum mode is selected. This may be compared with
the connection diagram Figure 12.
Immediately following the Mode Load Operation (when the
MLOAD pin transitions to a high logic state), the display
logic performs an LED test operation. This operation lasts
one second. While it is in effect, all of the utilized LEDs will
blink on. Thus, an installation engineer is able to test the
operation of the display by forcing the RIC2A into a reset
cycle (MLOAD forced low). The rising edge on the MLOAD
pin starts the LED test cycle. During the LED test cycle
the RIC2A does not perform packet repetition opera-
tions.
The status display possesses a capability to lengthen the
time an LED is active. At the end of the repetition of a
packet, the display is frozen showing the current activity.
This freezing lasts for 30 milliseconds or until a subsequent
packet is repeated. Thus at low levels of packet activity, the
display stretches activity information to make it discernible
to the human eye. At high traffic rates the relative bright-
ness of the LEDs indicates those segments with high or
low activity.
It should be mentioned that when the Real Time Interrupt
(RTI) occurs, the display update cycle will stop and after
RTI is serviced, the display update cycle will resume activ-
ity.
Table 2. Status Display Pin Functions in Minimum Mode
Signal Pin Name
Function in MINIMUM MODE
D0
No operation
D1
Provides status information indicating if there is a collision occurring on one of the segments
attached to this RIC2A.
D2
Provides status information indicating if one of this RIC2A's ports is receiving a data or collision
packet from a segment attached to this RIC2A.
D3
Provides status information indicating that the RIC2A has experienced a jabber protect condi-
tion.
D4
Provides Status information indicating if one of the RIC2A's segments is partitioned.
D(7:5)
No operation
STR0
This signal is the latch enable for the 374 type latch.
STR1
This signal is held at a logic one.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com