Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83953 Datasheet(PDF) 49 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83953
Description  Repeater Interface Controller with Security Features, Internal Drivers and Integrated Filters
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83953 Datasheet(HTML) 49 Page - National Semiconductor (TI)

Back Button DP83953 Datasheet HTML 45Page - National Semiconductor (TI) DP83953 Datasheet HTML 46Page - National Semiconductor (TI) DP83953 Datasheet HTML 47Page - National Semiconductor (TI) DP83953 Datasheet HTML 48Page - National Semiconductor (TI) DP83953 Datasheet HTML 49Page - National Semiconductor (TI) DP83953 Datasheet HTML 50Page - National Semiconductor (TI) DP83953 Datasheet HTML 51Page - National Semiconductor (TI) DP83953 Datasheet HTML 52Page - National Semiconductor (TI) DP83953 Datasheet HTML 53Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 90 page
background image
6.0 Port Block Functions (Continued)
49
www.national.com
6.4 Local Ports and Expected Activity
The RIC2A incorporates security options into the repeater.
The configuration of the security features can be performed
globally or on a per port basis. Upon packet reception by
the RIC2A, depending on port configuration, the repeater
will either: transmit the actual data intact to the port, or
transmit pseudo random data to the port during the data
field of the packet.
RIC2A security features can be globally enabled/disabled
during the MLOAD process, or via the RIC2A Configuration
Register bit GSE (global security enable). When GSE is
set, the device will, for all ports, set the port SME (Security
Mode), ESA (Source Address Security), EDA (Destination
Address Security), LME (Learn Mode Enable) bits in the
Port Security Configuration Register (PSCR).
Learning Mode for all the port CAMs can be globally
enabled during the MLOAD process, or via the GLME (Glo-
bal Learn Mode Enable) bit in the Global Security Register
(GSR). When GLME is set, the device will, for all ports, set
the LME (Learn Mode Enable) bit in the PSCR register.
In a multi RIC2A repeater environment, each RIC2A will
get the packet intact over the InterRIC bus (except those
with mismatched source addresses when configured in the
security mode). Each RIC2A will transmit either the real,
intact data or pseudo random data depending on the port
configuration.
Configuration of the Source and Destination Ad-
dress Security Modes
1. Security Mode Disabled
RIC2A performs the same repeater operations as the
RIC. The received data is transmitted to all ports, and on
the InterRIC bus.
2. Security Mode Enabled
a. When a port's ESA =0 and,
i. The port's EDA=0, then the repeater will repeat the
data on the port, and the Inter-RIC bus.
ii. The port's EDA=1, then the repeater will repeat the
data on destination address match. On a destina-
tion address mismatch, the repeater will transmit
random data on that port. In both cases, the re-
peater will transmit data on the Inter-RIC bus.
b. When a port's ESA=1 and,
i. The port's EDA=0, then on a valid source address
match, the repeater will repeat the data on that
port, and on the Inter-RIC bus. If source address
mismatch occurs, then the repeater will transmit
random data to the port, and on the Inter-RIC bus.
ii. The port's EDA=1, then on a valid source and des-
tination address match, the repeater will repeat the
data on the port. If source address matches, but
the destination address does not match, then the
repeater will transmit random data to that port. In
both of these cases, the repeater will repeat the
data on the Inter-RIC bus. When source address
mismatch occurs, then the repeater will transmit
random data to the port and on the Inter-RIC bus.
Table 7 describes the types of transmitted data, either
actual or pseudo random data, of each port and over the
Inter-RIC bus. It is assumed that the repeater is powered
up in security mode (GLME=0).
For example, suppose the repeater is in security mode
(SME=1) and configured to perform address comparison
only on destination addresses (ESA=0 and EDA=1). If a
packet is received whose destination address does not
match with that stored address in a designated CAM, then
all the transmitting ports switch to random packet, while the
data is transmitted intact over the Inter-RIC bus. The other
cascaded repeaters will compare the packet’s destination
address with their own internal CAMs for proper decision
making.
Note: SME: Security Mode bit in the Port Security Configuration Register (PSCR).
ESA: Source Address Security bit in the PSCR register.
EDA: Destination Address Security bit in the PSCR register.
Table 7. Local Ports and Inter-RIC Bus Data Field Contents
SME
ESA
EDA
Source
Address
of Packet
Destination
Address
of Packet
Transmitting
ports
Inter-RIC
Bus
0
X
X
X
X
repeat
repeat
0
X
X
repeat
repeat
match
match
repeat
repeat
0
match
mismatch
random
repeat
1
mismatch
match
repeat
repeat
1
mismatch
mismatch
random
repeat
match
match
repeat
repeat
match
mismatch
repeat
repeat
1
0
mismatch
X
random
random
match
match
repeat
repeat
1
match
mismatch
random
repeat
mismatch
X
random
random



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com