Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83953 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83953
Description  Repeater Interface Controller with Security Features, Internal Drivers and Integrated Filters
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83953 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button DP83953 Datasheet HTML 16Page - National Semiconductor (TI) DP83953 Datasheet HTML 17Page - National Semiconductor (TI) DP83953 Datasheet HTML 18Page - National Semiconductor (TI) DP83953 Datasheet HTML 19Page - National Semiconductor (TI) DP83953 Datasheet HTML 20Page - National Semiconductor (TI) DP83953 Datasheet HTML 21Page - National Semiconductor (TI) DP83953 Datasheet HTML 22Page - National Semiconductor (TI) DP83953 Datasheet HTML 23Page - National Semiconductor (TI) DP83953 Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 90 page
background image
4.0 Functional Description (Continued)
20
www.national.com
Figure 5 shows two RIC2As A and B, daisy chained
together with RIC2A-A positioned at the top of the chain. If
a packet is received at port B1 of RIC2A-B, and then
repeated to the other ports in the system (non-secure
mode). Figure 6 shows the functional timing diagram for
the packet repetition signals. In this example only two ports
in the system are shown. In non-secure mode, the other
ports also repeat the packet. It also indicates the operation
of the RIC2As' state machines in so far as can be seen by
observing the Inter-RIC bus. For reference, the repeater's
state transitions are shown in terms of the states defined
by the IEEE specification. The location of
PORT N is also
shown. The following section describes the repeater and
Inter-RIC bus transitions shown in Figure 6.
The repeater activity is stimulated by the data signal
received by port B1. The RIC2As in the system are alerted
to forthcoming repeater operation by the falling edges on
the ACKI and ACKO daisy chain and the ACTN bus signal.
Following a defined start up delay the repeater moves to
the
SEND PREAMBLE state. The RIC2A system utilizes
the start up delay to perform port arbitration. When packet
transmission
begins,
the
RIC2A
system
enters
the
REPEAT state. The expected, for normal packet repetition,
sequence of repeater states,
SEND PREAMBLE, SEND
SFD and SEND DATA are followed, but are not visible at
the Inter-RIC bus. They are then merged into a single
REPEAT state. Similarly, the
WAIT and IDLE states appear
as a combined Inter-RIC bus IDLE state.
Once a REPEAT operation has begun (e.g. the repeater
leaves the
IDLE state), it is required to transmit at least 96
bits of data or jam/preamble onto its network segments. If
the duration of the received signal from
PORT N is shorter
than 96 bits, the repeater transitions to the
RECEIVE COL-
LISION state (described later). This behavior is known as
fragment extension.
After the packet data has been repeated, including the
emptying of the RIC2As' elasticity buffers, the RIC2A per-
forms the
Tw1 transmit recovery operation. This is per-
formed during the
WAIT state shown in the repeater state
diagram.
Figure 5. RIC2A System Topology



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com