Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83953 Datasheet(PDF) 67 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83953
Description  Repeater Interface Controller with Security Features, Internal Drivers and Integrated Filters
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83953 Datasheet(HTML) 67 Page - National Semiconductor (TI)

Back Button DP83953 Datasheet HTML 63Page - National Semiconductor (TI) DP83953 Datasheet HTML 64Page - National Semiconductor (TI) DP83953 Datasheet HTML 65Page - National Semiconductor (TI) DP83953 Datasheet HTML 66Page - National Semiconductor (TI) DP83953 Datasheet HTML 67Page - National Semiconductor (TI) DP83953 Datasheet HTML 68Page - National Semiconductor (TI) DP83953 Datasheet HTML 69Page - National Semiconductor (TI) DP83953 Datasheet HTML 70Page - National Semiconductor (TI) DP83953 Datasheet HTML 71Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 90 page
background image
67
www.national.com
7.0 RIC2A Registers (Continued)
Port Event Count Register 2 (PECR-2) (Page 4H Addresses 11H to 1DH)
The Port Event Count Register 2 (PECR-2) shows the instantaneous value of the specified port's 8 - bit counter. The
counter increments when an enabled event occurs. The counter may be cleared when it is read, and prevented from roll-
ing over when the maximum count is reached, by setting the appropriate control bits in the ECIMR - 2 register.
Port Security Configuration Register (PSCR) (Pages 4H, 5H, 6H, 8H, 9H)
This register sets up the various security modes for the RIC2A. It provides port specific information such as enabling/dis-
abling the security mode, passing broadcast packets, etc. In addition, comparison on destination address, source address,
or both can be selected. The system can also qualify learning mode on a per port basis.
Note: Bit D0 is only for the port CAMs, and not for the shared CAMs
D7
D6
D5
D4
D3
D2
D1
D0
EC7
EC6
EC5
EC4
EC3
EC2
EC1
EC0
D7
D6
D5
D4
D3
D2
D1
D0
res
EDA
ESA
SAM
MCE
BCE
SME
LME
Bit
R/W
Symbol
Description
D0
R/W
LME
Learning Mode
0: Disable Learn Mode for port CAMs.
1: Enable Learn Mode for port CAMs.
D1
R/W
SME
Security Mode
0: Disable Security Mode.
1: Enable Security Mode.
D2
R/W
BCE
Accept Broadcast: Enables the repeater to pass/repeat a packet with an all 1's
destination address.
0: Replace the broadcast packets with random packets.
1: Pass broadcast packets.
Note: SA mismatch is still valid for broadcast packets.
D3
R/W
MCE
Accept Multicast: Enables the repeater to pass/repeat a packet with the LSB of
'1' in the most significant byte of the destination address.
0: Replace the multicast packets with random packets.
1: Pass multicast packets.
Note: SA mismatch is still valid for multicast packets.
D4
R
SAM
Source Address Match/Mismatch
0: Source address match occurred for the packet.
1: Source address mismatch occurred for the packet.
D5
R/W
ESA
Source Address Security
0: Do not employ source address to implement security.
1: Employ source address to implement security.
D6
R/W
EDA
Destination Address Security
0: Do not employ destination address to implement security.
1: Employ destination address to implement security.
D7
R
resv
Reserved for Future Use
reads as a logic 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com