Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83953 Datasheet(PDF) 85 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83953
Description  Repeater Interface Controller with Security Features, Internal Drivers and Integrated Filters
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83953 Datasheet(HTML) 85 Page - National Semiconductor (TI)

Back Button DP83953 Datasheet HTML 81Page - National Semiconductor (TI) DP83953 Datasheet HTML 82Page - National Semiconductor (TI) DP83953 Datasheet HTML 83Page - National Semiconductor (TI) DP83953 Datasheet HTML 84Page - National Semiconductor (TI) DP83953 Datasheet HTML 85Page - National Semiconductor (TI) DP83953 Datasheet HTML 86Page - National Semiconductor (TI) DP83953 Datasheet HTML 87Page - National Semiconductor (TI) DP83953 Datasheet HTML 88Page - National Semiconductor (TI) DP83953 Datasheet HTML 89Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 90 page
background image
85
www.national.com
9.0 DC and AC Specification (Continued)
Management Bus Timing
Note: The preamble on this bus consists of the following string; 01011
Number
Symbol
Parameter
Min
Max
Units
T50
mrxch
MRXC high time
45
55
ns
T51
mrxcl
MRXC low time
45
55
ns
T52
mrxcd
MRXC cycle time
90
110
ns
T53
actndamena
ACTNd active to MEN active
715
ns
T54
actndamcrsa
ACTNd active to MCRS active
720
ns
T55
mrxds
MRXD setup
40
ns
T56
mrxdh
MRXD hold
45
ns
T57
mrxclmcrsi
MRXC low to MCRS inactive
-5
6
ns
T58
mcrsimenl
MCRS inactive to MEN low
510
ns
T59
mrxcclks
min. number of MRXCs after MCRS inactive
5
5
Clks
T60
pcompw
PCOMP pulse width
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com