Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83953 Datasheet(PDF) 73 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83953
Description  Repeater Interface Controller with Security Features, Internal Drivers and Integrated Filters
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83953 Datasheet(HTML) 73 Page - National Semiconductor (TI)

Back Button DP83953 Datasheet HTML 69Page - National Semiconductor (TI) DP83953 Datasheet HTML 70Page - National Semiconductor (TI) DP83953 Datasheet HTML 71Page - National Semiconductor (TI) DP83953 Datasheet HTML 72Page - National Semiconductor (TI) DP83953 Datasheet HTML 73Page - National Semiconductor (TI) DP83953 Datasheet HTML 74Page - National Semiconductor (TI) DP83953 Datasheet HTML 75Page - National Semiconductor (TI) DP83953 Datasheet HTML 76Page - National Semiconductor (TI) DP83953 Datasheet HTML 77Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 90 page
background image
73
www.national.com
7.0 RIC2A Registers (Continued)
Shared CAM Register (Pages 9H, AH, BH, CH, DH, EH, FH)
This register accesses the 48 bits of the shared CAM address. Six write/read cycles are required to load/read the entire
48 bit address.
D7
D6
D5
D4
D3
D2
D1
D0
SCAMx_D7 SCAMx_D6 SCAMx_D5 SCAMx_D4 SCAMx_D3 SCAMx_D2 SCAMx_D1 SCAMx_D0
Bit
R/W
Symbol
Description
D(7:0)
R/W
SCAMx_D(7:0)
This register accesses the Shared CAM location for the particular port. Note that x
represents the port number.
1st access:
bits [7: 0] of the address,
2nd access:
bits [15: 8] of the address,
3rd access:
bits [23:16]of the address,
4th access:
bits [31: 24] of the address,
5th access:
bits [39: 32] of the address,
6th access:
bits [47: 40] of the address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com