Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83953 Datasheet(PDF) 68 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83953
Description  Repeater Interface Controller with Security Features, Internal Drivers and Integrated Filters
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83953 Datasheet(HTML) 68 Page - National Semiconductor (TI)

Back Button DP83953 Datasheet HTML 64Page - National Semiconductor (TI) DP83953 Datasheet HTML 65Page - National Semiconductor (TI) DP83953 Datasheet HTML 66Page - National Semiconductor (TI) DP83953 Datasheet HTML 67Page - National Semiconductor (TI) DP83953 Datasheet HTML 68Page - National Semiconductor (TI) DP83953 Datasheet HTML 69Page - National Semiconductor (TI) DP83953 Datasheet HTML 70Page - National Semiconductor (TI) DP83953 Datasheet HTML 71Page - National Semiconductor (TI) DP83953 Datasheet HTML 72Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 90 page
background image
68
www.national.com
7.0 RIC2A Registers (Continued)
Port CAM Pointer Register (PCPR) (Pages 4H, 5H, 6H, 8H, 9H)
This register indicates which bytes of the six ethernet address bytes has been stored in the CAM locations. When a byte
has been loaded into the CAM location, the pointer increments. Thus, this register indicates which byte will get written on
the subsequent CAM location access. After the complete address is stored in any of the two CAMs, the user must set the
"address valid", ADV, bit so the address is not over-written mistakenly. When in learning mode, this register could be read
to see if an address has been learned.
Port CAM Register (Pages 5H, 6H, 8H, 9H)
This register accesses the 48 bits of the port CAM address. Six write/read cycles are required to load/read the entire
48 bit address.
D7
D6
D5
D4
D3
D2
D1
D0
ADV
PTR2
PTR1
PTR0
ADV
PTR2
PTR1
PTR0
Bit
R/W
Symbol
Description
D0
R
PTR0
D0 of the pointer for the port CAM location 1
D1
R
PTR1
D1 of the pointer for the port CAM location 1
D2
R
PTR2
D2 of the pointer for the port CAM location 1
D3
R/W
ADV
ADdress Valid
0: Address is not valid in port CAM location 1
1: Address is valid in port CAM location 1
D4
R
PTR0
D0 of the pointer for the port CAM location 2
D5
R
PTR1
D1 of the pointer for the port CAM location 2
D6
R
PTR2
D2 of the pointer for the port CAM location 2
D7
R/W
ADV
ADdress Valid
0: Address is not valid in port CAM location 2
1: Address is valid in port CAM location 2
D7
D6
D5
D4
D3
D2
D1
D0
PCAMx_D7 PCAMx_D6 PCAMx_D5 PCAMx_D4 PCAMx_D3 PCAMx_D2 PCAMx_D1 PCAMx_D0
Bit
R/W
Symbol
Description
D(7:0)
R/W
PCAMx _D(7:0)
This register accesses the Port CAM for the particular port. Note that x
represents the port number.
1st access:
bits [7: 0] of the address,
2nd access:
bits [15: 8] of the address,
3rd access:
bits [23:16]of the address,
4th access:
bits [31: 24] of the address,
5th access:
bits [39: 32] of the address,
6th access:
bits [47: 40] of the address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com