Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83953 Datasheet(PDF) 36 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83953
Description  Repeater Interface Controller with Security Features, Internal Drivers and Integrated Filters
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83953 Datasheet(HTML) 36 Page - National Semiconductor (TI)

Back Button DP83953 Datasheet HTML 32Page - National Semiconductor (TI) DP83953 Datasheet HTML 33Page - National Semiconductor (TI) DP83953 Datasheet HTML 34Page - National Semiconductor (TI) DP83953 Datasheet HTML 35Page - National Semiconductor (TI) DP83953 Datasheet HTML 36Page - National Semiconductor (TI) DP83953 Datasheet HTML 37Page - National Semiconductor (TI) DP83953 Datasheet HTML 38Page - National Semiconductor (TI) DP83953 Datasheet HTML 39Page - National Semiconductor (TI) DP83953 Datasheet HTML 40Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 90 page
background image
5.0 HUB MANAGEMENT SUPPORT (Continued)
36
www.national.com
The port event counters may also be controlled by the
Counter Decrement (CDEC) pin. As the name suggests, a
logic low state on this pin will decrement all the counters by
a single value. The pulses on CDEC are internally synchro-
nized and scheduled to avoid any conflict with the "up
counting" activity. If an “up count” and a “down count” occur
simultaneously, then the “down count” is delayed until the
“up count” has completed. This combination of up and
down counting capability enables the RIC2A's on-chip
counters to provide a simple rolling average, or be used as
extensions of larger external counters.
Note: If the FWF option is enabled then the count down operation is disabled
from those registers which have reached FFFF Hex and consequently have
been frozen. Thus, the FWF and
CDEC bits will be set to provide rate indi-
cation. A frozen counter indicates that a rate has gone out of bounds, due to
incrementing too fast or too slowly. If the low count and high count decodes
are employed as either interrupts or poll cycles, the direction of the rate ex-
cursion may be determined.
New Hub Management Counters
The are 13 more 8 bit counters on the RIC2A than provided
on the DP83950 RIC. These counters will count events
specified in the Event Count and Interrupt Mask Register 2
(ECIMR2), such as Frame Check Sequence, Frame Align-
ment Error, Partition, Out of Window Collision. Also, this
register includes "Reset On Read" and "Freeze When Full"
control bits.
It should be noted that Counter Decrement (CDEC) will not
be used with the ECMR2. Also, no real time or event log-
ging interrupt will be generated for this register.
Reading the Event Counters
The RIC2A's external data bus is eight bits wide. Since the
event counters are 16 bits long, two processor read cycles
are required to read the counter value. In order to ensure
correct counter values and simultaneously allow event
counts and processor accesses, values are stored in a
temporary holding register.
A read cycle to either the
lower or upper byte of a counter causes both bytes to be
latched into the temporary holding register. Thus, when the
other byte of the counter is obtained, the temporary holding
register is accessed (not the actual counter register). This
ensures that the upper and lower bytes contain the value
sampled at the same instant in time.
There are no restrictions concerning whether the upper or
lower byte is read first. However, to ensure the "same
instance value" is obtained, the reads of the upper then
lower byte (or vice versa) should be performed as consecu-
tive reads of the counter array. Other “non counter” regis-
ters may be read in between these read cycles and write
cycles may be performed. If another counter is read, or the
same byte of the original counter is read again, then the
holding register is updated from the counter array, and the
unread byte is lost.
If the reset on read option is employed, then the counter is
reset after the transfer to the holding register is performed.
Processor read and write cycles are scheduled to avoid
conflict with count up or count down operations. In the case
of a processor read, the count value is stable as it is loaded
into the holding register. In the case of a processor write,
the newly written value is stable enough to be incremented
or decremented by any subsequent count operation. Dur-
ing the period of time when the MLOAD pin is low, (power
on reset) all counters are reset to zero and all count masks
are forced into the disabled state. Section 7.0 of the data
sheet details the address location of the port event
counters.
5.2 Event Record Function
As stated previously, each repeater port has its own 8 bit
Event Recording status register. Each bit may be dedicated
to log the occurrence of a particular event (see Section 7.0
for detailed description). The Event Recording Mask Regis-
ter controls the logging of these events. Additionally, the
particular mask bit must be set to record an event. Similar
to the scheme employed for the event counters, the
recorded events are latched during the repetition of a
packet then automatically loaded into the recording regis-
ters at the end of packet transmission. When one of the
unmasked events occurs, that particular port register bit is
set. The register bits for all of the ports are logically "ORed"
together to produce a Flag Found "FF" signal. The Page
Select Register contains the Flag Found indicator. Addi-
tionally, if the appropriate mask bit is enabled in the Man-
agement and Interrupt Configuration Register then an
interrupt may be generated
A processor read cycle to an Event Record Register resets
any bits set in that register. Read operations are scheduled
to guarantee that data does not change during the cycle.
Any internal bit setting event that immediately follows a pro-
cessor read will be successful. Events that may be
recorded are described below:
Jabber Protection (JAB): This flag goes active if the
length of a received packet causes the repeater state
machine to enter into the Jabber Protect state.
Elasticity Buffer Error (ELBER): This goes active if a
buffer underflow or overflow condition occurs during packet
reception. The flag is held inactive if a collision occurs dur-
ing packet reception or if a phase lock error has already
occurred during packet reception.
Phase Lock Error (PLER): A phase lock error is caused if
the phase lock loop decoder loses lock during packet
reception. A phase lock onto the received data stream may
not be recoverable later in the packet and data errors may
have occurred. This flag is held inactive if a collision
occurs.
Non SFD Packet (NSFD): If a packet is received and the
start of frame delimiter (SFD) is not detected, this flag will
go active. The flag is held inactive if a collision occurs dur-
ing packet reception.
Out of Window Collision (OWC): The out of window colli-
sion flag goes active when a port experiences a collision
outside of the network slot time.
Partition (PART): This flag goes active when a port
becomes partitioned.
Bad Link (BDLNK): This flag goes active when a 10Base-
T port has entered the link lost state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com