Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83953 Datasheet(PDF) 46 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83953
Description  Repeater Interface Controller with Security Features, Internal Drivers and Integrated Filters
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83953 Datasheet(HTML) 46 Page - National Semiconductor (TI)

Back Button DP83953 Datasheet HTML 42Page - National Semiconductor (TI) DP83953 Datasheet HTML 43Page - National Semiconductor (TI) DP83953 Datasheet HTML 44Page - National Semiconductor (TI) DP83953 Datasheet HTML 45Page - National Semiconductor (TI) DP83953 Datasheet HTML 46Page - National Semiconductor (TI) DP83953 Datasheet HTML 47Page - National Semiconductor (TI) DP83953 Datasheet HTML 48Page - National Semiconductor (TI) DP83953 Datasheet HTML 49Page - National Semiconductor (TI) DP83953 Datasheet HTML 50Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 90 page
background image
6.0 Port Block Functions (Continued)
46
www.national.com
Figure 18. Magnetics Requirements
Figure 19. Twisted Pair Interface to the Transformer and RJ45
Note 1: 1:2 turn ratio on transmit and 1:1 turn ratio on receive sides.
Note 2: Transmit common mode chokes may not be required.
Note 3: Please consult individual vendors for pin outline. Typical 16 pin
module shown.
Electrical Specification:
Glossary:
OCL
(1-3)
min. 50
µH @ 1 MHz, 0.1Vrms
(6-8), (9-11), (14-16) min. 200 µH @ 1 MHz, 0.1Vrms
Cww
(1-3) to (14-16)
12 pF max @ 1 MHz, 0.1Vrms
(6-8) to (9-11)
12 pF max @ 1 MHz, 0.1Vrms
LL
(1,3 & short 14,16)
0.3
µH max @ 1MHz, 0.1Vrms
(6,8 & short 9,11)
0.3
µH max @ 1MHz, 0.1Vrms
DCR
(1-3)
0.35
Ω max
(6-8) = (11-9)
0.5
Ω max
(14-16)
1.0
Ω max
HIPOT (1,3 to 14,16)
(6,8 to 9,11)
2000 Vrms for 1 minute
OCL:
Open circuit inductance
Cww:
Interwinding capacitance
LL:
Leakage inductance
DCR:
DC resistance
Where C = 0.01
µF, C1 = 1.0 nF, R
R = 49.9Ω, and RT = 10Ω. All values are typical and ± 1%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com