Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ76PL455APFCT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455APFCT
Description  16-Cell Industrial Integrated Battery Monitor
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455APFCT Datasheet(HTML) 3 Page - Texas Instruments

  BQ76PL455APFCT Datasheet HTML 1Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 2Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 3Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 4Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 5Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 6Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 7Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 8Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 125 page
background image
VSENSE14
1
60
AUX6
EQ14
2
59
AUX7
VSENSE13
3
58
V5VAO
EQ13
4
57
FAULTH+
VSENSE12
5
56
FAULTH-
EQ12
6
55
COMMH+
VSENSE11
7
54
COMMH-
EQ11
8
53
COMML-
VSENSE10
9
52
COMML+
EQ10
10
VSENSE9
11
EQ9
12
VSENSE8
13
EQ8
14
VSENSE7
15
EQ7
16
VSENSE6
17
EQ6
18
VSENSE5
19
EQ5
20
51
FAULTL-
50
FAULTL+
49
WAKEUP
48
CGND
47
GPIO0
46
GPIO1
45
GPIO2
44
GPIO3
43
GPIO4
42
GPIO5
41
VIO
3
bq76PL455A
www.ti.com
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
PFC Package
80-Pin TQFP
Top View
Pin Functions
NAME
TYPE(1)
DESCRIPTION
PIN
NO.
AGND1
74
P
Analog Ground(2). Connect to ground plane.
AGND2
72
P
Analog Ground(2) for VREF. Internally shorted to AGND3, also make this connection externally in
the printed-circuit board (PCB) layout. Connect to ground plane.
AGND3
69
P
Analog Ground(2) for VREF. Internally shorted to AGND2, also make this connection externally in
the PCB layout. Connect to ground plane.
AUX0
66
AI
Ground referenced general-purpose analog measurement input.
AUX1
65
AI
Ground referenced general-purpose analog measurement input.
AUX2
64
AI
Ground referenced general-purpose analog measurement input.
AUX3
63
AI
Ground referenced general-purpose analog measurement input.
AUX4
62
AI
Ground referenced general-purpose analog measurement input.
AUX5
61
AI
Ground referenced general-purpose analog measurement input.
AUX6
60
AI
Ground referenced general-purpose analog measurement input.
AUX7
59
AI
Ground referenced general-purpose analog measurement input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com