Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ76PL455APFCT Datasheet(PDF) 68 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455APFCT
Description  16-Cell Industrial Integrated Battery Monitor
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455APFCT Datasheet(HTML) 68 Page - Texas Instruments

Back Button BQ76PL455APFCT Datasheet HTML 64Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 65Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 66Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 67Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 68Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 69Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 70Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 71Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 125 page
background image
68
bq76PL455A
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Table 8. Registers in Alphabetical Order (continued)
NAME
DESCRIPTION
ADDR HEX
ADDR DECIMAL
MAGIC2
"Magic" value enables EEPROM write
FC–FF
252–255
MASK_COMM
Communications FAULT mask register
68–69
104–105
MASK_DEV
Chip FAULT mask register
6B–6C
107–108
MASK_SYS
System FAULT mask register
6A
106
NCHAN
Number of channels enabled for conversion
0D
13
OVERSMPL
Command averaging (oversampling)
07
7
PWRCONFIG
Power configuration
0F
15
RESERVED
Reserved for future use
08-09
9-Aug
RESERVED
Reserved for future use
16–1D
22–29
RESERVED
Reserved for future use
26–27
38–39
RESERVED
Reserved for future use
2C–31
44–49
RESERVED
Reserved for future use
32
50
RESERVED
Reserved for future use
33–36
51–54
RESERVED
Reserved for future use
37
55
RESERVED
Reserved for future use
38–3C
56–60
RESERVED
Reserved for future use
45–4F
69–79
RESERVED
Reserved for future use
64–67
100–103
RESERVED
Reserved for future use
6D
109
RESERVED
Reserved for future use
70–77
112–119
RESERVED
Reserved for future use
7.00E–81
126–129
RESERVED
Reserved for future use
86–8B
134–139
RESERVED
Reserved for future use
B2–BD
178–189
RESERVED
Reserved for future use
D0–D1
208–209
RESERVED
Reserved for future use
E4-E5
228–229
RESERVED
Reserved for future use
EE-EF
238–239
RESERVED
Reserved for future use
FB
251
SCRATCH
User-defined data
C8–CF
200–207
SER_NUM
Device serial number
C6–C7
198–199
SHDN_STS
Shutdown recovery status
50
80
SMPL_DLY1
Initial sampling delay
3D
61
SREV
Silicon Revision
00–01
0–1
STATUS
Device status
51
81
TEST_ADC
ADC BIST control
22–24
34–36
TEST_CSUM
Checksum Test Result
F8–F9
248–249
TEST_SPER
ADC test sampling period
43–44
67–68
TESTAUXPU
Test control—AUX pull-up resistors
25
37
TESTCTRL
BIST control
20–21
32–33
TSTCONFIG
Built-In Self-Test (BIST) configuration
1E–1F
30–31
TSTR_ECC
ECC Test Results
E6-ED
230–237
TXHOLDOFF
UART Transmitter holdoff
12
18
VSGAIN
ADC voltage gain correction
D3
211
VSOFFSET
ADC voltage offset correction
D2
210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com