Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ76PL455APFCT Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455APFCT
Description  16-Cell Industrial Integrated Battery Monitor
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455APFCT Datasheet(HTML) 48 Page - Texas Instruments

Back Button BQ76PL455APFCT Datasheet HTML 44Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 45Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 46Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 47Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 48Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 49Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 50Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 51Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 125 page
background image
48
bq76PL455A
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Command and Response Protocol (continued)
7.5.1.1 Frame Initialization Byte
The Frame Initialization Byte is always the first byte of the frame. In all cases, the length of the frame can be
determined from this initial byte. Note that bit 7 identifies each frame as either a command frame or a response
frame. The initialization byte is defined as follows for each of the two Frame Init types:
7
6
5
4
3
2
1
0
Command Frame Init
FRM_TYPE = 1
REQ_TYPE
ADDR_SIZE
DATA_SIZE
Response Frame Init
FRM_TYPE = 0
RESP_BYTES-1
The descriptions for the fields shown in the frame initialization bytes are in Table 4.
Table 4. Frame Initialization Byte Fields
VALUE (BINARY)
DESCRIPTION
FRM_TYPE
0
Response Frame
1
Command Frame
REQ_TYPE
000
Single Device Write with Response
001
Single Device Write without Response
010
Group Write with Response
011
Group Write without Response
100
Reserved
101
Reserved
110
Broadcast Write with Response
111
Broadcast Write without Response
ADDR_SIZE(1)
0
8-bit Register Address
1
16-bit Register Address
DATA_SIZE(2)
000
0 bytes
001
1 byte
010
2 bytes
011
3 bytes
100
4 bytes
101
5 bytes
110
6 bytes
111
8 bytes
RESP_BYTES-1
Number of data bytes contained in response frame minus 1
(1) ADDR_SIZE = 0 is recommended. All USER registers are addressable using an 8-bit register address.
(2) Data size of 7 bytes is not supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com