Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ76PL455APFCT Datasheet(PDF) 74 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455APFCT
Description  16-Cell Industrial Integrated Battery Monitor
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455APFCT Datasheet(HTML) 74 Page - Texas Instruments

Back Button BQ76PL455APFCT Datasheet HTML 70Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 71Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 72Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 73Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 74Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 75Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 76Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 77Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 125 page
background image
74
bq76PL455A
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.6.3.13
CBCONFIG 0x13 (19) Balance Configuration
BIT
NAME
DESCRIPTION
[7:4]
BAL_TIME
This sets the time that balancing will be enabled before it is automatically disabled. This is separate
from the communication timeout counter and is not reset by communication. The counter is reset any
time the BALANCE_EN register is written with a non-zero value.
0 = Until stopped (timer disabled)
1 = 1 second
2 = 1 minute
3 = 2 minutes
4 = 5 minutes
5 = 10 minutes
6 = 15 minutes
7 = 20 minutes
8 = 30 minutes
9 = 60 minutes
10–15 = Reserved
[3]
BAL_CONTINUE
This controls how CBENBL[BALANCE_EN] bits are handled when faults occur.
0 = CBENBL is set to 0 when any fault bit is set, except CUST_CKSUM_ERR, which is ignored.
1 = CBENBL is not changed if a fault occurs.
[2:0]
RSVD
Reserved — always write/read as zero.
7.6.3.14 CBENBL 0x14–15 (20–21) Balancing Enable
BIT
NAME
DESCRIPTION
[15:0]
BALANCE_EN
When EQ_SQUEEZE_EN = 0, these bits control the channels which are balancing. When
EQ_SQUEEZE_EN = 1, these bits control the squeeze resistors used in open-wire-detection (OWD).
BALANCE_EN[0] controls pin EQ1 for balancing cell1, bit1 controls EQ2, and so forth.
For each bit:
0 = Balancing (or squeeze) is disabled on this channel.
1 = Balancing (or squeeze) is enabled on this channel.
If BAL_CONTINUE = 0, all bits in this register will be set to '0' and writes will be ignored if any fault bit
(except CUST_CKSUM_ERR) is set. CUST_CKSUM_ERR is ignored.
If BAL_CONTINUE = 1, fault bits have no effect on this register.
7.6.3.15 TSTCONFIG 0x1E–1F (30–31) Test Configuration
BIT
NAME
DESCRIPTION
[15:12]
RSVD
Reserved — always write/read as zero.
[11:8]
LDO_TEST
These bits directly control the VDD18 LDO test. Set to 0 for normal operation. For additional
information, contact a representative at Texas Instruments.
[7]
CCNT_RST_OFF
When this bit is set, the communication counter does not reset when a valid communications packet is
received, allowing the communications timeout counters to be tested.
Do not change COMM_PD_PER while this bit is set:
•
If COMM_PD_PER is inadvertently set to a value less than COMM_TIM_CNT while this bit is set,
the communications timeout may be missed and not occur for up to 70 min after loss of
communications.
•
If COMM_PD_PER is inadvertently written while this bit is set, writing a new value to
COMM_TIM_CNT (new value before the timeout should occur) will avoid the issue.
[6]
VDIG_TEST
This bit is used to cause the device to enter SHUTDOWN when the VDIGDDIEPOR is tripped as part of a
suite of self-test functions.
Note: Once set, subsequently clearing this bit will not disable this control even though the bit will read 0.
It will not be disabled until the device enters shutdown.
[5]
RSVD
Reserved — always write as zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com