Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ76PL455APFCT Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455APFCT
Description  16-Cell Industrial Integrated Battery Monitor
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455APFCT Datasheet(HTML) 12 Page - Texas Instruments

Back Button BQ76PL455APFCT Datasheet HTML 8Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 9Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 10Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 11Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 12Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 13Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 14Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 15Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 125 page
background image
12
bq76PL455A
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Specified by design, not tested in production.
6.17 Digital Input/Output: Daisy Chain Vertical Bus
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH_DCC_TX
Logic level output voltage high
Single driver loaded, ILOAD = 5 mA
VDIG
−1
VDIG
V
VOL_DCC_TX
Logic level output voltage low
Single driver loaded, ILOAD = 5 mA
GND
1
V
TPD
Internal propagation delay, COMML to
COMMH(1)
<60
ns
TDCC_BIT_TIME
Diff. Comms. Bit Time(1)
250
ns
fWAKE_TONE
WAKE TONE frequency(1)
50% duty-cycle WAKE TONE
transmitted on differential pins
COMMH+/COMMH–
100
kHz
tWAKE TONE
WAKE TONE duration(1)
WAKE TONE transmitted on differential
pins COMMH+/COMMH–
1
ms
(1)
Pulses shorter than 100 µs may wake the device, but must maintain 100 µs to assure start up.
(2)
Environmental noise may affect tone detection.
(3)
Specified by design, not tested in production.
6.18 Digital Input/Output: Wakeup
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH_WAKEUP
WAKEUP high-input voltage
2.3
V
VIL_WAKEUP
WAKEUP low-input voltage
0.7
V
tWAKEUP_HOLD
(1)
WAKEUP hold time (high-pulse width)
Pulse driven 0-1-0
100
µs
tWAKEUP_DLY
Delay between WAKEUP pin assertion and
WAKETONE transmission
Typical application circuit with typical
components as outlined in the Application and
Implementation section.
1.2
ms
tWAKE TONE DELAY_DC
Delay
(2) between start of WAKETONE received
and WAKETONE transmission
After POR exit condition [VDD18VO > 1.7 V] is
met.
1.2
ms
tWAKEUP_TO_DCOMM
Required delay from WAKETONE transmission
to ready for differential communications
(3)
1.1
ms
tWAKEUP_TO_UART
Required delay from WAKETONE transmission
to ready for UART communications
(3)
200
µs
(1)
Program EEPROM temperature (TA ) between 0°C and 30°C.
(2)
Specified by design, not tested in production.
(3)
Erase / Program cycles not to exceed EECYCLES.
6.19 EEPROM
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
EEPGM
(1)
EEPROM total program time(2)
No writes to the device are allowed
during the programming cycle
210
500
ms
EECYCLES
Erase / Program cycles(2)
5
cycles
EERETN
Data retention(2)(3)
10
years
(1)
Normal range specification. Ranges can be extended by using the COMP_UV[CMP_TST_SHF_UV] and
COMP_OV[CMP_TST_SHF_OV] bits. See register bit description in Table 7 for additional details.
6.20 Secondary Protector – Window Comparators
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OVRANGE
Over-voltage comparator register set-point
limits
(1)
2
5.175
V
UVRANGE
Under-voltage comparator register set-point
limits
(1)
0.7
3.875
V
OVUVSTEP
Threshold step resolution
25
mV
ERRCMP_UV
Total UV threshold error (includes
ERRVCOMP_REF_45)
Vin = 0.7 to 3.875 V
–50
50
mV
ERRCMP_UV_EXT
UV threshold error when range-extend bit is set
COMP_UV[CMP_TST_SHF_UV] = 1
–100
100
mV
ERRCOMP_OV
Total OV threshold error (includes
ERRVCOMP_REF_45)
Vin = 2 to 5.175 V
–50
50
mV
ERRCOMP_OV_EXT
OV threshold error when range-extend bit is set
COMP_UV[CMP_TST_SHF_OV] = 1
–60
60
mV
VCOMP_HYST
Threshold hysteresis
Hysteresis enabled;
DEVCONFIG[COMP_HYST_EN] = 1
50
85
130
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com