Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ76PL455APFCT Datasheet(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455APFCT
Description  16-Cell Industrial Integrated Battery Monitor
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455APFCT Datasheet(HTML) 67 Page - Texas Instruments

Back Button BQ76PL455APFCT Datasheet HTML 63Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 64Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 65Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 66Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 67Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 68Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 69Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 70Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 125 page
background image
67
bq76PL455A
www.ti.com
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Table 8. Registers in Alphabetical Order (continued)
NAME
DESCRIPTION
ADDR HEX
ADDR DECIMAL
AUX7_OV
AUX7 overvoltage threshold
B0–B1
176–177
AUX7_UV
AUX7 undervoltage threshold
AE–AF
174–175
AX0OFFSET
AUX0 ADC offset correction
D4–D5
212–213
AX1OFFSET
AUX1 ADC offset correction
D6–D7
214–215
AX2OFFSET
AUX2 ADC offset correction
D8–D9
216–217
AX3OFFSET
AUX3 ADC offset correction
DA–DB
218–219
AX4OFFSET
AUX4 ADC offset correction
DC–DD
220–221
AX5OFFSET
AUX5 ADC offset correction
DE–DF
222–223
AX6OFFSET
AUX6 ADC offset correction
E0-E1
224–225
AX7OFFSET
AUX7 ADC offset correction
E2-E3
226–227
CBCONFIG
Cell balancing (equalization) configuration
13
19
CBENBL
Cell balancing enables
14–15
20–21
CELL_OV
Cell overvoltage threshold
90–91
144–145
CELL_SPER
Cell and die temperature measurement period
3E
62
CELL_UV
Cell undervoltage threshold
8E–8F
142–143
CHANNELS
Command channel select
03–06
3-6
CMD
Command
02
2
COMCONFIG
Communications configuration
10–11
16–17
COMP_OV
Comparator overvoltage threshold
8D
141
COMP_UV
Comparator undervoltage threshold
8C
140
CSUM
Saved checksum value
F0–F3
240–243
CSUM_RSLT
Checksum Readout
F4–F7
244–247
CTO
Communications time-out
28
40
CTO_CNT
Communications time-out counter
29–2B
41–43
DEV_CTRL
Device control
0C
12
DEVCONFIG
Device configuration
0E
14
EE_BURN
EEPROM Burn Count; up-counter
FA
250
FAULT_AUX
AUX threshold exceeded faults
58–59
88–89
FAULT_COM
Communication faults
5E–5F
94–95
FAULT_2OV
Comparator OV faults
5C–5D
92–93
FAULT_2UV
Comparator UV faults
5A–5B
90–91
FAULT_DEV
Device fault
61–62
97–98
FAULT_GPI
General purpose input (GPIO) fault
63
99
FAULT_OV
Overvoltage faults
56–57
86–87
FAULT_SUM
Fault summary
52–53
82–83
FAULT_SYS
System fault
60
96
FAULT_UV
Undervoltage faults
54–55
84–85
FO_CTRL
FAULT output control
6E–6F
110–111
GP_FLT_IN
GPIO input 0/1 FAULT assertion state
7D
125
GPIO_DIR
GPIO direction control
78
120
GPIO_IN
GPIO input value
7C
124
GPIO_OUT
GPIO output control
79
121
GPIO_PD
GPIO pull-down resistor control
7B
123
GPIO_PU
GPIO pull-up resistor control
7A
122
GROUP_ID
(Device) Group Identifier
0B
11
LOT_NUM
Die Lot Identifier
BE–C5
190–197
MAGIC1
"Magic" value enables EEPROM write
82–85
130–133



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com