Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ76PL455APFCT Datasheet(PDF) 91 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455APFCT
Description  16-Cell Industrial Integrated Battery Monitor
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455APFCT Datasheet(HTML) 91 Page - Texas Instruments

Back Button BQ76PL455APFCT Datasheet HTML 87Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 88Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 89Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 90Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 91Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 92Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 93Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 94Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 125 page
background image
91
bq76PL455A
www.ti.com
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.6.3.71 VSOFFSET 0xD2 (210) Cell Offset Correction
BIT
NAME
DESCRIPTION
[7:0]
CCOFFSET
User offset-adjustment register for VSENSE cell voltage channels. This 2's complement value will be
added to all cell voltage channels. The range is approximately –9.77 mV to 9.69 mV in 255 steps.
The offset is approximately equal to (5 V × CCOFFSET / 216). It can be used to compensate for
offsets induced by the user design or PCB mounting.
7.6.3.72 VSGAIN 0xD3 (211) Cell Gain Correction
BIT
NAME
DESCRIPTION
[7:0]
CCGAIN
User gain-adjustment register for VSENSE cell voltage channels. This is a 2's complement value
where positive values represent a gain > 1.0 and negative values represent a gain < 1.0, and is
applied to all cell voltage channels.
The range is approximately –9.77 mV to 9.69 mV full scale in 255 steps. The gain correction is
approximately equal to (input value × (1 + CCGAIN / 216)). It can be used to compensate for gain
error induced by the user design (such as larger values of input resistor) or PCB mounting.
7.6.3.73 AX0OFFSET 0xD4–D5 (212–213) AUX0 Offset Correction
BIT
NAME
DESCRIPTION
[15:10]
RSVD
Reserved — always write/read as zero
[9:0]
AUX_COFFSET0
User offset-adjustment register for AUX0 input. This 2's complement value will be added to the AUX
channel. The range is approximately –38.99 mV to 39.06 mV full scale in 1023 steps. The offset is
approximately equal to (5 V × AUXCOFFSET0 / 216). See Section AUX Channel Post-Assembly
Calibration Adjustment for details. It can be used to compensate for offsets induced by the user
design or PCB mounting.
7.6.3.74 AX1OFFSET 0xD6–D7 (214–215) AUX1 Offset Correction
BIT
NAME
DESCRIPTION
[15:10]
RSVD
Reserved — always write/read as zero
[9:0]
AUX_COFFSET1
User offset-adjustment register for AUX0 input. This 2's complement value will be added to the AUX
channel. The range is approximately –38.99 mV to 39.06 mV full scale in 1023 steps. The offset is
approximately equal to (5 V × AUXCOFFSET1 / 216). See Section AUX Channel Post-Assembly
Calibration Adjustment for details. It can be used to compensate for offsets induced by the user
design or PCB mounting.
7.6.3.75 AX2OFFSET 0xD8–D9 (216–217) AUX2 Offset Correction
BIT
NAME
DESCRIPTION
[15:10]
RSVD
Reserved — always write/read as zero
[9:0]
AUX_COFFSET2
User offset-adjustment register for AUX0 input. This 2's complement value will be added to the AUX
channel. The range is approximately –38.99 mV to 39.06 mV full scale in 1023 steps. The offset is
approximately equal to (5 V × AUXCOFFSET2 / 216). See Section AUX Channel Post-Assembly
Calibration Adjustment for details. It can be used to compensate for offsets induced by the user
design or PCB mounting.
7.6.3.76 AX3OFFSET 0xDA–DB (218–219) AUX3 Offset Correction
BIT
NAME
DESCRIPTION
[15:10]
RSVD
Reserved — always write/read as zero
[9:0]
AUX_COFFSET3
User offset-adjustment register for AUX0 input. This 2's complement value will be added to the AUX
channel. The range is approximately –38.99 mV to 39.06 mV full scale in 1023 steps. The offset is
approximately equal to (5 V × AUXCOFFSET3 / 216). See Section AUX Channel Post-Assembly
Calibration Adjustment for details. It can be used to compensate for offsets induced by the user
design or PCB mounting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com