Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ76PL455APFCT Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455APFCT
Description  16-Cell Industrial Integrated Battery Monitor
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455APFCT Datasheet(HTML) 49 Page - Texas Instruments

Back Button BQ76PL455APFCT Datasheet HTML 45Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 46Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 47Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 48Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 49Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 50Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 51Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 52Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 125 page
background image
49
bq76PL455A
www.ti.com
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.5.1.2 Device Address/Group ID Byte
The Device Address or Group ID Byte identifies the device or group of devices targeted by the command. Only
those devices that contain a matching value in their Device Address Register (register address 10) or Group ID
Register (register address 11) will respond to the command. The REQ_TYPE field in the command frame will
determine how to interpret this byte.
NOTE
Device Address/Group ID Byte is not present in a Broadcast command frame.
7
6
5
4
3
2
1
0
Device Address or Group ID
Identifier of device(s) receiving communication (always one byte)
7.5.1.3 Register Address Byte(s)
Register addresses can be one or two bytes in length. For single byte addresses (ADDR_SIZE = 0), the MSB is
not transmitted and is assumed to be 0.
7
6
5
4
3
2
1
0
Register Address (MSB)
Register being targeted
Register Address (LSB)
7.5.1.4 Data Bytes
The basis of data byte interpretation is from the type of command frame being sent and the target register
specified in the command frame.
For command frames targeted at the Command Register (address 2), the data contains the command, highest
responding device address and, optionally, new data for the Command Channel Select Register (address 3–6)
and Averaging Register (address 7).
For command frames targeted at other registers:
•
If REQ_TYPE is Write without Response, the data bytes contain the values to be written to the registers
•
If REQ_TYPE is Write with Response, the data bytes contain the values returned from the registers
7
6
5
4
3
2
1
0
Data[0]
…
Data[n]
Data Bytes (the number of bytes should match the DATA_SIZE field in the Frame
Initialization byte)
NOTE
Transactions with seven data bytes are not possible.
7.5.1.5 CRC Bytes
7
6
5
4
3
2
1
0
CRC (MSB)
16-bit CRC (CRC-16-IBM—See CRC Description)
CRC(LSB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com