Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ76PL455APFCT Datasheet(PDF) 85 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455APFCT
Description  16-Cell Industrial Integrated Battery Monitor
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455APFCT Datasheet(HTML) 85 Page - Texas Instruments

Back Button BQ76PL455APFCT Datasheet HTML 81Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 82Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 83Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 84Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 85Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 86Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 87Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 88Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 125 page
background image
85
bq76PL455A
www.ti.com
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
BIT
NAME
DESCRIPTION
[11]
HREF_GND_FAULT
Write '1': Reset the fault condition.
Write '0': No effect
Read '1': Analog-die reference ground measurement was out of range.
[10:5]
RSVD
Reserved — always read as zero
[4]
ADC_CAL_ERR
Write '1': Reset the fault condition.
Write '0': No effect
Read '1': An ADC test (ADC_FCAL_TEST or ADC_PCAL_TEST) failed.
[3]
USER_ECC_COR
Write '1': Reset the fault condition.
Write '0': No effect
Read '1': A ECC fault was corrected while loading user space from EEPROM.
[2]
USER_ECC_ERR
Write '1': Reset the fault condition.
Write '0': No effect
Read '1': An uncorrectable ECC fault was detected while loading from EEPROM. Registers in
the block (not all registers) have been loaded with their default values.
[1]
FACT_ECC_COR
Write '1': Reset the fault condition.
Write '0': No effect
Read '1': A ECC fault was corrected while loading factory space from EEPROM.
[0]
FACT_ECC_ERR
Write '1': Reset the fault condition.
Write '0': No effect
Read '1': An uncorrectable ECC fault was detected while loading from factory registers.
Registers in the block (not all registers) have been loaded with their default values. The device
is operating abnormally and has probably failed. Functionality, behavior, and results are suspect
and should not be relied upon.
7.6.3.36 FAULT_GPI 0x63 (99) GPI Fault
BIT
NAME
DESCRIPTION
[7:6]
RSVD
Reserved — always read as zero.
[5:0]
GPI_FAULT
Write '1': Reset the fault condition.
Write '0': No effect
Read '1': A GPIO input, configured as a fault input in GPI_FAULT_CONFIG, has signaled a
fault condition.
If UNLATCHED_FAULT is set, this register is self-clearing.
7.6.3.37 MASK_COMM 0x68–69 (104–105) Communications Fault Masks
BIT
NAME
DESCRIPTION
[15]
COMP_ERR_H_MSK
For each of these bits:
0 = Do not mask this fault.
1 = Mask this fault.
[14]
COMP_ERR_L_MSK
[13]
COMP_FLT_H_MSK
[12]
COMP_FLT_L_MSK
[11]
EDGE_ERR_H_MSK
[10]
EDGE_ERR_L_MSK
[9]
ABORT_H_MSK
[8]
ABORT_L_MSK
[7]
CRC_FAULT_H_MSK
[6]
CRC_FAULT_L_MSK
[5]
FRAM_ERR_MSK
[4]
RSVD
Reserved — always write/read as zero
[3]
STOP_ERR_MSK
0 = Do not mask this fault.
1 = Mask this fault.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com