Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ76PL455APFCT Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455APFCT
Description  16-Cell Industrial Integrated Battery Monitor
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455APFCT Datasheet(HTML) 39 Page - Texas Instruments

Back Button BQ76PL455APFCT Datasheet HTML 35Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 36Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 37Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 38Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 39Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 40Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 41Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 42Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 125 page
background image
39
bq76PL455A
www.ti.com
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.3.12.6.1
Checksum Testing
Each of the checksums (TI, USER spaces) has a test mode that causes each input bit in the checksum
calculation (that is, the register bits that are part of the checksum calculation) to flip twice (once per clock) and
the TEST_CSUM register contains the count for the number of toggles on the checksums fault output. This helps
to ensure that the background checksum testing described previously correctly discovers any bit that might be in
the wrong state.
The user's firmware, usually as a part of self-testing and validation, can initiate the tests. The
TESTCTRL[CKSUM_TEST_RUN] bits are set to begin the test on either the TI or USER space registers. See
TESTCTRL 0x20–21 (32–33) Test Control for details of the bit settings.
NOTE
Other faults may be set in the process of running this procedure, but ignore those.
7.3.12.6.1.1
Computing User Checksum
The user checksum is a 32-bit value computed using all the data values in the user data space. The computation
is a simple 32 bit add of registers and constants concatenated into 32-bit values. The computation, shown below,
consists of the data at the address specified or 0:
cust_cksum_calc =
{0, 0, 0, a3} +
{a4, a5, a6, a7} +
{0, 0, a10, a11} +
{0, a13, a14, a15} +
{a16, a17, a18, a19} +
{a20, a21, 0, 0} +
{0, 0, a30, a31}+
{0, 0, a34, a35}+
{a36, a37, 0, 0} +
{a40, 0, 0, 0}+
{0, 0,a50, a51}+
{a52, a53, a54, a55} +
{0, a61, a62, a63} +
{a64, a65, a66, a67} +
{a68, 0, 0, 0}+
{a104, a105, a106, a107} +
{a108, 0, a110, a111} +
{a120, a121, a122, a123} +
{0, a125, 0, 0}+
{a140, a141, a142, a143} +
{a144, a145, a146, a147} +
{a148, a149, a150, a151} +
{a152, a153, a154, a155} +
{a156, a157, a158, a159} +
{a160, a161, a162, a163} +
{a164, a165, a166, a167} +
{a168, a169, a170, a171} +
{a172, a173, a174, a175} +
{a176, a177, 0, 0} +
{a200, a201, a202, a203} +
{a204, a205, a206, a207} +
{0, 0, a210, a211} +
{a212, a213, a214, a215} +
{a216, a217, a218, a219} +
{a220, a221, a222, a223} +
{a224, a225, a226, a227};
NOTE
In
the
example
code,
a_
refers
to
register
address
number. For example: a3 =
register address 0x03.
7.3.12.7 AUXn OV/UV Threshold Faults
The AUXn input pins can trigger a fault indication. The OV and UV thresholds for each AUXn input can be set
separately in the AUXn_OV and AUXn_UV registers. The result of each AUXn channel conversion is compared
to these values. When the threshold is exceeded (less-than AUXn_UV, greater-than AUXn[OV]), the FAULT_N
and FAULTL pins are asserted, if enabled. To stop unwanted FAULT pin assertions from one or more channels
(but other channels are desired), set the threshold voltage settings for the undesired channels to their minimum
and maximum values or only convert the desired channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com