Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI7421 Datasheet(PDF) 41 Page - Texas Instruments

Part # PCI7421
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7421 Datasheet(HTML) 41 Page - Texas Instruments

Back Button PCI7421 Datasheet HTML 37Page - Texas Instruments PCI7421 Datasheet HTML 38Page - Texas Instruments PCI7421 Datasheet HTML 39Page - Texas Instruments PCI7421 Datasheet HTML 40Page - Texas Instruments PCI7421 Datasheet HTML 41Page - Texas Instruments PCI7421 Datasheet HTML 42Page - Texas Instruments PCI7421 Datasheet HTML 43Page - Texas Instruments PCI7421 Datasheet HTML 44Page - Texas Instruments PCI7421 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 298 page
background image
2−15
Table 2−5. PC Card Power Switch Terminals
Internal pullup/pulldown resistors, power rail designation, and pin strapping are not applicable for the power switch
terminals.
TERMINAL
DESCRIPTION
I/O
INPUT
OUTPUT
EXTERNAL
NAME
NO.
DESCRIPTION
I/O
TYPE
INPUT
OUTPUT
EXTERNAL
COMPONENTS
CLOCK
L06
Power switch clock. Information on the DATA line is sampled at the rising edge of
CLOCK. CLOCK defaults to an input, but can be changed to an output by using bit 27
(P2CCLK) in the system control register (offset 80h, see Section 4.29).
I/O
TTLI1
TTLO1
PCMCIA power
switch
DATA
N01
Power switch data. DATA is used to communicate socket power control information
serially to the power switch.
O
LVCO1
PCMCIA power
switch
LATCH
N02
Power switch latch. LATCH is asserted by the controller to indicate to the power
switch that the data on the DATA line is valid.
O
LVCO1
PCMCIA power
switch
Table 2−6. PCI System Terminals
Internal pullup/pulldown resistors and pin strapping are not applicable for the PCI terminals.
TERMINAL
DESCRIPTION
I/O
INPUT
POWER
EXTERNAL
NAME
NO.
DESCRIPTION
I/O
TYPE
INPUT
POWER
RAIL
EXTERNAL
COMPONENTS
GRST
T01
Global reset. When the global reset is asserted, the GRST signal causes the
controller to place all output buffers in a high-impedance state and reset all internal
registers. When GRST is asserted, the controller is completely in its default state. For
systems that require wake-up from D3, GRST is normally asserted only during initial
boot. PRST must be asserted following initial boot so that PME context is retained
when transitioning from D3 to D0. For systems that do not require wake-up from D3,
GRST must be tied to PRST. When the SUSPEND mode is enabled, the controller is
protected from the GRST, and the internal registers are preserved. All outputs are
placed in a high-impedance state, but the contents of the registers are preserved.
I
LVCI2
Power-on reset or
tied to PRST
PCLK
P05
PCI bus clock. PCLK provides timing for all transactions on the PCI bus. All PCI
signals are sampled at the rising edge of PCLK.
I
PCII3
VCCP
PRST
R03
PCI bus reset. When the PCI bus reset is asserted, PRST causes the controller to
place all output buffers in a high-impedance state and reset some internal registers.
When PRST is asserted, the controller is completely nonfunctional. After PRST is
deasserted, the controller is in a default state.
When SUSPEND and PRST are asserted, the controller is protected from PRST
clearing the internal registers. All outputs are placed in a high-impedance state, but
the contents of the registers are preserved.
I
PCII3
VCCP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com