Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI7421 Datasheet(PDF) 53 Page - Texas Instruments

Part # PCI7421
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7421 Datasheet(HTML) 53 Page - Texas Instruments

Back Button PCI7421 Datasheet HTML 49Page - Texas Instruments PCI7421 Datasheet HTML 50Page - Texas Instruments PCI7421 Datasheet HTML 51Page - Texas Instruments PCI7421 Datasheet HTML 52Page - Texas Instruments PCI7421 Datasheet HTML 53Page - Texas Instruments PCI7421 Datasheet HTML 54Page - Texas Instruments PCI7421 Datasheet HTML 55Page - Texas Instruments PCI7421 Datasheet HTML 56Page - Texas Instruments PCI7421 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 298 page
background image
2−27
Table 2−16. SD/MMC Terminals
If any SD/MMC terminal is unused, then the terminal may be left floating.
TERMINAL
DESCRIPTION
I/O
INPUT
OUTPUT
PU/
POWER
EXTERNAL
NAME
NO.
DESCRIPTION
I/O
TYPE
INPUT
OUTPUT
PU/
PD
POWER
RAIL
EXTERNAL
COMPONENTS
MC_PWR_CTRL_0
MC_PWR_CTRL_1
F01
F02
Media card power control for flash media sockets.
O
LVCO1
Power switch or
FET to turn power
on to FM socket
SD_CD
E03
SD/MMC card detect. This input is asserted when
SD/MMC cards are inserted.
I
LVCI1
PU2
VCC
SD_CLK
J05, G05
SD flash clock. This output provides the SD/MMC
clock, which operates at 16 MHz.
I/O
TTLO2
SW2
VCC
SD_CMD
J03, F03
SD flash command. This signal provides the SD
command per the SD Memory Card Specifications.
I/O
TTLI2
TTLO2
SW2
VCC
SD_DAT3
SD_DAT2
SD_DAT1
SD_DAT0
J02, H05
J01, G03
J06, G02
H03, G01
SD flash data [3:0]. These signals provide the SD
data path per the SD Memory Card Specifications.
I/O
TTLI2
TTLO2
SW2
VCC
SD_WP
H07
SD write protect data. This signal indicates that the
media inserted in the socket is write protected.
I
TTLI2
SW2
VCC
Table 2−17. Memory Stick/PRO Terminals
If any Memory Stick/PRO terminal is unused, then the terminal may be left floating.
TERMINAL
DESCRIPTION
I/O
INPUT
OUTPUT
PU/
POWER
EXTERNAL
NAME
NO.
DESCRIPTION
I/O
TYPE
INPUT
OUTPUT
PU/
PD
POWER
RAIL
EXTERNAL
COMPONENTS
MC_PWR_CTRL_0
MC_PWR_CTRL_1
F01
F02
Media card power control for flash media sockets.
O
LVCO1
Power switch or
FET to turn power
on to FM socket
MS_BS
F03
Memory Stick bus state. This signal provides Memory
Stick bus state information.
I/O
TTLO2
SW2
VCC
MS_CD
F05
Media Card detect. This input is asserted when a
Memory Stick or Memory Stick Pro media is inserted.
I
LVCI1
PU2
VCC
MS_CLK
G05
Memory Stick clock. This output provides the MS clock,
which operates at 16 MHz.
I/O
TTLO2
SW2
VCC
MS_DATA3
MS_DATA2
MS_DATA1
H05
G03
G02
Memory Stick data [3:1]. These signals provide the
Memory Stick data path.
I/O
TTLI2
TTLO2
SW2
VCC
MS_SDIO (DATA0)
G01
Memory Stick serial data I/O. This signal provides
Memory Stick data input/output. Memory Stick data 0.
I/O
TTLI2
TTLO2
SW2
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com