Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI7421 Datasheet(PDF) 17 Page - Texas Instruments

Part # PCI7421
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7421 Datasheet(HTML) 17 Page - Texas Instruments

Back Button PCI7421 Datasheet HTML 13Page - Texas Instruments PCI7421 Datasheet HTML 14Page - Texas Instruments PCI7421 Datasheet HTML 15Page - Texas Instruments PCI7421 Datasheet HTML 16Page - Texas Instruments PCI7421 Datasheet HTML 17Page - Texas Instruments PCI7421 Datasheet HTML 18Page - Texas Instruments PCI7421 Datasheet HTML 19Page - Texas Instruments PCI7421 Datasheet HTML 20Page - Texas Instruments PCI7421 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 298 page
background image
xvii
Table
Title
Page
11−5
Latency Timer and Class Cache Line Size Register Description
11−5
. . . . . . .
11−6
Header Type and BIST Register Description
11−6
. . . . . . . . . . . . . . . . . . . . . . . .
11−7
Flash Media Base Address Register Description
11−6
. . . . . . . . . . . . . . . . . . . .
11−8
PCI Interrupt Pin Register
11−8
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
11−9
Minimum Grant Register Description
11−9
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
11−10 Maximum Latency Register Description
11−9
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
11−11 Capability ID and Next Item Pointer Registers Description
11−10
. . . . . . . . . . .
11−12 Power Management Capabilities Register Description
11−11
. . . . . . . . . . . . . .
11−13 Power Management Control and Status Register Description
11−12
. . . . . . . .
11−14 General Control Register
11−13
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
11−15 Subsystem Access Register Description
11−14
. . . . . . . . . . . . . . . . . . . . . . . . . .
11−16 Diagnostic Register Description
11−15
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
12−1
Function 4 Configuration Register Map
12−1
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
12−2
Command Register Description
12−3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
12−3
Status Register Description
12−4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
12−4
Class Code and Revision ID Register Description
12−5
. . . . . . . . . . . . . . . . . . .
12−5
Latency Timer and Class Cache Line Size Register Description
12−6
. . . . . . .
12−6
Header Type and BIST Register Description
12−6
. . . . . . . . . . . . . . . . . . . . . . . .
12−7
SD host Base Address Register Description
12−7
. . . . . . . . . . . . . . . . . . . . . . . .
12−8
PCI Interrupt Pin Register
12−9
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
12−9
Minimum Grant Register Description
12−9
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
12−10 Maximum Latency Register Description
12−10
. . . . . . . . . . . . . . . . . . . . . . . . . . .
12−11 Maximum Latency Register Description
12−10
. . . . . . . . . . . . . . . . . . . . . . . . . . .
12−12 Capability ID and Next Item Pointer Registers Description
12−11
. . . . . . . . . . .
12−13 Power Management Capabilities Register Description
12−12
. . . . . . . . . . . . . .
12−14 Power Management Control and Status Register Description
12−13
. . . . . . . .
12−15 General Control Register
12−14
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
12−16 Subsystem Access Register Description
12−15
. . . . . . . . . . . . . . . . . . . . . . . . . .
12−17 Diagnostic Register Description
12−15
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
13−1
Function 5 Configuration Register Map
13−1
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
13−2
Command Register Description
13−3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
13−3
Status Register Description
13−4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
13−4
Class Code and Revision ID Register Description
13−5
. . . . . . . . . . . . . . . . . . .
13−5
Latency Timer and Class Cache Line Size Register Description
13−5
. . . . . . .
13−6
Header Type and BIST Register Description
13−6
. . . . . . . . . . . . . . . . . . . . . . . .
13−7
PCI Interrupt Pin Register
13−9
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
13−8
Minimum Grant Register Description
13−9
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
13−9
Maximum Latency Register Description
13−10
. . . . . . . . . . . . . . . . . . . . . . . . . . .
13−10 Capability ID and Next Item Pointer Registers Description
13−10
. . . . . . . . . . .
13−11 Power Management Capabilities Register Description
13−11
. . . . . . . . . . . . . .
13−12 Power Management Control and Status Register Description
13−12
. . . . . . . .
13−13 General Control Register
13−13
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
13−14 Subsystem ID Alias Register Description
13−14
. . . . . . . . . . . . . . . . . . . . . . . . . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com