Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI7421 Datasheet(PDF) 73 Page - Texas Instruments

Part # PCI7421
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7421 Datasheet(HTML) 73 Page - Texas Instruments

Back Button PCI7421 Datasheet HTML 69Page - Texas Instruments PCI7421 Datasheet HTML 70Page - Texas Instruments PCI7421 Datasheet HTML 71Page - Texas Instruments PCI7421 Datasheet HTML 72Page - Texas Instruments PCI7421 Datasheet HTML 73Page - Texas Instruments PCI7421 Datasheet HTML 74Page - Texas Instruments PCI7421 Datasheet HTML 75Page - Texas Instruments PCI7421 Datasheet HTML 76Page - Texas Instruments PCI7421 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 298 page
background image
3−17
3.7.1
PC Card Functional and Card Status Change Interrupts
PC Card functional interrupts are defined as requests from a PC Card application for interrupt service and are
indicated by asserting specially-defined signals on the PC Card interface. Functional interrupts are generated by
16-bit I/O PC Cards and by CardBus PC Cards.
Card status change (CSC)-type interrupts are defined as events at the PC Card interface that are detected by the
PCI7x21/PCI7x11 controller and may warrant notification of host card and socket services software for service. CSC
events include both card insertion and removal from PC Card sockets, as well as transitions of certain PC Card
signals.
Table 3−10 summarizes the sources of PC Card interrupts and the type of card associated with them. CSC and
functional interrupt sources are dependent on the type of card inserted in the PC Card socket. The four types of cards
that can be inserted into any PC Card socket are:
•
16-bit memory card
•
16-bit I/O card
•
CardBus cards
•
UltraMedia card
Table 3−10. Interrupt Mask and Flag Registers
CARD TYPE
EVENT
MASK
FLAG
16-bit memory
Battery conditions (BVD1, BVD2)
ExCA offset 05h/45h/805h bits 1 and 0
ExCA offset 04h/44h/804h bits 1 and 0
16-bit memory
Wait states (READY)
ExCA offset 05h/45h/805h bit 2
ExCA offset 04h/44h/804h bit 2
16-bit I/O
Change in card status (STSCHG)
ExCA offset 05h/45h/805h bit 0
ExCA offset 04h/44h/804h bit 0
16-bit I/O/
UltraMedia
Interrupt request (IREQ)
Always enabled
PCI configuration offset 91h bit 0
All 16-bit PC
Cards/
Smart Card
adapters/
UltraMedia/
Flash Media
Power cycle complete
ExCA offset 05h/45h/805h bit 3
ExCA offset 04h/44h/804h bit 3
Change in card status (CSTSCHG)
Socket mask bit 0
Socket event bit 0
CardBus
Interrupt request (CINT)
Always enabled
PCI configuration offset 91h bit 0
CardBus
Power cycle complete
Socket mask bit 3
Socket event bit 3
Card insertion or removal
Socket mask bits 2 and 1
Socket event bits 2 and 1
Functional interrupt events are valid only for 16-bit I/O and CardBus cards; that is, the functional interrupts are not
valid for 16-bit memory cards. Furthermore, card insertion and removal-type CSC interrupts are independent of the
card type.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com