Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI7421 Datasheet(PDF) 68 Page - Texas Instruments

Part # PCI7421
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7421 Datasheet(HTML) 68 Page - Texas Instruments

Back Button PCI7421 Datasheet HTML 64Page - Texas Instruments PCI7421 Datasheet HTML 65Page - Texas Instruments PCI7421 Datasheet HTML 66Page - Texas Instruments PCI7421 Datasheet HTML 67Page - Texas Instruments PCI7421 Datasheet HTML 68Page - Texas Instruments PCI7421 Datasheet HTML 69Page - Texas Instruments PCI7421 Datasheet HTML 70Page - Texas Instruments PCI7421 Datasheet HTML 71Page - Texas Instruments PCI7421 Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 298 page
background image
3−12
SDA
SCL
Start
Condition
Stop
Condition
Change of
Data Allowed
Data Line Stable,
Data Valid
Figure 3−7. Serial-Bus Start/Stop Conditions and Bit Transfers
Data is transferred serially in 8-bit bytes. The number of bytes that may be transmitted during a data transfer is
unlimited; however, each byte must be completed with an acknowledge bit. An acknowledge (ACK) is indicated by
the receiver pulling the SDA signal low, so that it remains low during the high state of the SCL signal. Figure 3−8
illustrates the acknowledge protocol.
SCL From
Master
123
78
9
SDA Output
By Transmitter
SDA Output
By Receiver
Figure 3−8. Serial-Bus Protocol Acknowledge
The PCI7x21/PCI7x11 controller is a serial bus master; all other devices connected to the serial bus external to the
PCI7x21/PCI7x11 controller are slave devices. As the bus master, the PCI7x21/PCI7x11 controller drives the SCL
clock at nearly 100 kHz during bus cycles and places SCL in a high-impedance state (zero frequency) during idle
states.
Typically, the PCI7x21/PCI7x11 controller masters byte reads and byte writes under software control. Doubleword
reads are performed by the serial EEPROM initialization circuitry upon a PCI reset and may not be generated under
software control. See Section 3.6.4, Serial-Bus EEPROM Application, for details on how the PCI7x21/PCI7x11
controller automatically loads the subsystem identification and other register defaults through a serial-bus EEPROM.
Figure 3−9 illustrates a byte write. The PCI7x21/PCI7x11 controller issues a start condition and sends the 7-bit slave
device address and the command bit zero. A 0 in the R/W command bit indicates that the data transfer is a write. The
slave device acknowledges if it recognizes the address. If no acknowledgment is received by the PCI7x21/PCI7x11
controller, then an appropriate status bit is set in the serial-bus control/status register (PCI offset B3h, see
Section 4.50). The word address byte is then sent by the PCI7x21/PCI7x11 controller, and another slave
acknowledgment is expected. Then the PCI7x21/PCI7x11 controller delivers the data byte MSB first and expects a
final acknowledgment before issuing the stop condition.
Sb6
b4
b5
b3 b2 b1 b0
0
b7 b6 b5 b4 b3
b2 b1 b0
AA
Slave Address
Word Address
R/W
S/P = Start/Stop Condition
A = Slave Acknowledgement
b7 b6
b4
b5
b3 b2 b1 b0
A
P
Data Byte
Figure 3−9. Serial-Bus Protocol—Byte Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com