Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI7421 Datasheet(PDF) 30 Page - Texas Instruments

Part # PCI7421
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7421 Datasheet(HTML) 30 Page - Texas Instruments

Back Button PCI7421 Datasheet HTML 26Page - Texas Instruments PCI7421 Datasheet HTML 27Page - Texas Instruments PCI7421 Datasheet HTML 28Page - Texas Instruments PCI7421 Datasheet HTML 29Page - Texas Instruments PCI7421 Datasheet HTML 30Page - Texas Instruments PCI7421 Datasheet HTML 31Page - Texas Instruments PCI7421 Datasheet HTML 32Page - Texas Instruments PCI7421 Datasheet HTML 33Page - Texas Instruments PCI7421 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 298 page
background image
2−4
W
P
D
A
R
T
U
V
M
N
K
L
H
J
F
G
E
B
C
19
15
10
5
1
14
13
12
11
16
9
8
7
6
4
3
2
17
18
A_CINT//
A_READY
(IREQ)
A_CAD25
//A_A1
VCCA
A_CAD21
//A_A5
A_CAD19
//A_A25
A_CC/BE2
//A_A12
A_CDEVSEL
//A_A21
A_CPAR
//A_A13
VCCA
A_CAD11
//A_OE
A_CAD8
//A_D15
A_RSVD
//A_D14
A_CAD3
//A_D5
A_CAD0
//A_D3
A_CAUDIO
//A_BVD2
(SPKR)
A_CSERR
//A_WAIT
A_CAD26
//A_A0
A_CC/BE3
//A_REG
A_CAD22
//A_A4
A_CAD20
//A_A6
A_CAD17
//A_A24
A_CCLK
//A_A16
A_CBLOCK
//A_A19
A_CAD16
//A_A17
A_CAD12
//A_A11
A_CC/BE0
//A_CE1
A_CAD6
//A_D13
A_CAD4
//A_D12
A_CCD1
//A_CD1
A_CCD2
//A_CD2
A_CCLKRUN
//A_WP
(IOIS16)
A_CSTSCHG
//A_BVD1
(STSCHG/RI)
A_CVS1
//A_VS1
A_CAD23
//A_A3
A_CRST
//A_RESET
A_CAD18
//A_A7
A_CTRDY
//A_A22
A_CPERR
//A_A14
A_CC/BE1
//A_A8
A_CAD13
//A_IORD
A_CAD9
//A_A10
A_CAD5
//A_D6
A_CAD2
//A_D11
RSVD
A_CAD30
//A_D9
A_CAD29
//A_D1
A_CAD28
//A_D8
B_USB_EN
A_CAD31
//A_D10
A_CAD27
//A_D0
A_CAD24
//A_A2
A_CVS2
//A_VS2
A_CFRAME
//A_A23
A_CGNT
//A_WE
A_RSVD
//A_A18
A_CAD10
//A_CE2
A_CAD7
//A_D7
MS_BS//
SD_CMD
//SM_WE
A_RSVD
//A_D2
A_CREQ
//A_INPACK
A_CIRDY
//A_A15
A_CAD14
//A_A9
A_CAD1
//A_D4
MS_DATA1
//SD_DAT1
//SM_D1
MS_CLK//
SD_CLK//
SM_EL_WP
VCC
VCC
A_CSTOP
//A_A20
A_CAD15
//A_IOWR
VCC
VCC
VCC
SD_CLK//
SM_RE
SD_CMD//
SM_ALE
SM_R/B
GND
GND
VCC
GND
VCC
SD_DAT2
//SM_D6
SD_WP//
SM_CE
SM_PHYS
_WP
VCC
GND
GND
GND
GND
VR_
PORT
VR_
PORT
SCL
VCC
GND
GND
GND
VCC
VR_EN
CLK_48
SDA
CLOCK
MFUNC1
SPKROUT
GND
GND
GND
GND
GND
DATA
LATCH MFUNC0
MFUNC5
VCC
GND
NC
AGND
VCC
TEST0
VCC
MFUNC2
MFUNC4
MFUNC3
GRST
AD17
VCC
PAR
AD12
AD2
PC0
(TEST1)
MFUNC6 SUSPEND
PRST
AD30
AD26
C/BE1
CPS
RSVD
PCLK
GNT
RI_OUT
//PME
AD21
C/BE2
DEVSEL
AD11
AD6
AD1
AVDD
AGND
PHY_
TEST_
MA
CNA
REQ
AD31
AD27
VSSPLL
XI
XO
AD29
AD28
AD24
AD22
AD18
IRDY
PERR
AD14
VDPLL_
33
C/BE0
AD3
PC1
(TEST2)
VSSPLL
TPBIAS0
AVDD
VDPLL_
15
VCCP
AD25
IDSEL
AD20
AD16
TRDY
SERR
AD13
AD10
AD8
AD4
PC2
(TEST3)
TPB0P
TPA0P
R1
TPB1P
AVDD
TPA1P
TPBIAS1
C/BE3
AD23
AD19
FRAME
STOP
AD15
VCCP
AD9
AD7
AD5
AD0
TPB0N
TPA0N
R0
TPB1N
AGND
TPA1N
MC_PWR
_CTRL_0
MS_SDIO
(DATA0)//
SD_DAT0//
SM_D0
SM_CLE
A_USB_EN
MC_PWR
_CTRL_1
MS_DATA2
//SD_DAT2
//SM_D2
SD_DAT0
//SM_D4
MS_DATA3//
SD_DAT3
//SM_D3
SD_DAT3
//SM_D7
SD_DAT1
//SM_D5
SD_CD
MS_CD SM_CD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
Figure 2−4. PCI7411 GHK/ZHK-Package Terminal Diagram
Table 2−1 lists the terminal assignments arranged in terminal-number order, with corresponding signal names for
both CardBus and 16-bit PC Cards for the PCI7421 and PCI7621 GHK packages. Table 2−2 and Table 2−3 list the
terminal assignments arranged in alphanumerical order by signal name, with corresponding terminal numbers for the
GHK package; Table 2−2 is for CardBus signal names and Table 2−3 is for 16-bit PC Card signal names.
Terminal E5 on the GHK package is an identification ball used for device orientation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com