Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI7421 Datasheet(PDF) 64 Page - Texas Instruments

Part # PCI7421
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7421 Datasheet(HTML) 64 Page - Texas Instruments

Back Button PCI7421 Datasheet HTML 60Page - Texas Instruments PCI7421 Datasheet HTML 61Page - Texas Instruments PCI7421 Datasheet HTML 62Page - Texas Instruments PCI7421 Datasheet HTML 63Page - Texas Instruments PCI7421 Datasheet HTML 64Page - Texas Instruments PCI7421 Datasheet HTML 65Page - Texas Instruments PCI7421 Datasheet HTML 66Page - Texas Instruments PCI7421 Datasheet HTML 67Page - Texas Instruments PCI7421 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 298 page
background image
3−8
3.5.5
Power Switch Interface
The power switch interface of the PCI7x21/PCI7x11 controller is a 3-pin serial interface. This 3-pin interface is
implemented such that the PCI7x21/PCI7x11 controller can connect to both the TPS2226 and TPS2228 power
switches. Bit 10 (12V_SW_SEL) in the general control register (PCI offset 86h, see Section 4.31) selects the power
switch that is implemented. The PCI7x21/PCI7x11 controller defaults to use the control logic for the TPS2228 power
switch. See Table 3−3 and Table 3−6 below for the power switch control logic.
Table 3−3. TPS2228 Control Logic—xVPP/VCORE
AVPP/VCORE CONTROL SIGNALS
OUTPUT
V_AVPP/VCORE
BVPP/VCORE CONTROL SIGNALS
OUTPUT
V_BVPP/VCORE
D8(SHDN)
D0
D1
D9
OUTPUT
V_AVPP/VCORE
D8(SHDN)
D4
D5
D10
OUTPUT
V_BVPP/VCORE
1
0
0
X
0 V
1
0
0
X
0 V
1
0
1
0
3.3 V
1
0
1
0
3.3 V
1
0
1
1
5 V
1
0
1
1
5 V
1
1
0
X
Hi-Z
1
1
0
X
Hi-Z
1
1
1
0
Hi-Z
1
1
1
0
Hi-Z
1
1
1
1
1.8 V
1
1
1
1
1.8 V
0
X
X
X
Hi-Z
0
X
X
X
Hi-Z
Table 3−4. TPS2228 Control Logic—xVCC
AVCC CONTROL SIGNALS
OUTPUT
V_AVCC
BVCC CONTROL SIGNALS
OUTPUT
V_BVCC
D8(SHDN)
D3
D2
OUTPUT
V_AVCC
D8(SHDN)
D6
D7
OUTPUT
V_BVCC
1
0
0
0 V
1
0
0
0 V
1
0
1
3.3 V
1
0
1
3.3 V
1
1
0
5 V
1
1
0
5 V
1
1
1
0 V
1
1
1
0 V
0
X
X
Hi-Z
0
X
X
Hi-Z
Table 3−5. TPS2226 Control Logic—xVPP
AVPP CONTROL SIGNALS
OUTPUT
V_AVPP
BVPP CONTROL SIGNALS
OUTPUT
V_BVPP
D8(SHDN)
D0
D1
D9
OUTPUT
V_AVPP
D8(SHDN)
D4
D5
D10
OUTPUT
V_BVPP
1
0
0
X
0 V
1
0
0
X
0 V
1
0
1
0
3.3 V
1
0
1
0
3.3 V
1
0
1
1
5 V
1
0
1
1
5 V
1
1
0
X
12 V
1
1
0
X
12 V
1
1
1
X
Hi-Z
1
1
1
X
Hi-Z
0
X
X
X
Hi-Z
0
X
X
X
Hi-Z
Table 3−6. TPS2226 Control Logic—xVCC
AVCC CONTROL SIGNALS
OUTPUT
V_AVCC
BVCC CONTROL SIGNALS
OUTPUT
V_BVCC
D8(SHDN)
D3
D2
OUTPUT
V_AVCC
D8(SHDN)
D6
D7
OUTPUT
V_BVCC
1
0
0
0 V
1
0
0
0 V
1
0
1
3.3 V
1
0
1
3.3 V
1
1
0
5 V
1
1
0
5 V
1
1
1
0 V
1
1
1
0 V
0
X
X
Hi-Z
0
X
X
Hi-Z
3.5.6
Internal Ring Oscillator
The internal ring oscillator provides an internal clock source for the PCI7x21/PCI7x11 controller so that neither the
PCI clock nor an external clock is required in order for the PCI7x21/PCI7x11 controller to power down a socket or
interrogate a PC Card. This internal oscillator, operating nominally at 16 kHz, is always enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com