Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI7421 Datasheet(PDF) 48 Page - Texas Instruments

Part # PCI7421
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7421 Datasheet(HTML) 48 Page - Texas Instruments

Back Button PCI7421 Datasheet HTML 44Page - Texas Instruments PCI7421 Datasheet HTML 45Page - Texas Instruments PCI7421 Datasheet HTML 46Page - Texas Instruments PCI7421 Datasheet HTML 47Page - Texas Instruments PCI7421 Datasheet HTML 48Page - Texas Instruments PCI7421 Datasheet HTML 49Page - Texas Instruments PCI7421 Datasheet HTML 50Page - Texas Instruments PCI7421 Datasheet HTML 51Page - Texas Instruments PCI7421 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 298 page
background image
2−22
Table 2−12. CardBus PC Card Interface System Terminals
A 33-
Ω to 47-Ω series damping resistor (per PC Card specification) is the only external component needed for
terminals B08 (A_CCLK) and H17 (B_CCLK). If any CardBus PC Card interface system terminal is unused, then the
terminal may be left floating.
SKT A TERMINAL
SKT B TERMINAL†
DESCRIPTION
I/O
INPUT
OUTPUT
PU/
POWER
NAME
NO.
NAME
NO.
DESCRIPTION
I/O
TYPE
INPUT
OUTPUT
PU/
PD
POWER
RAIL
A_CCLK
E09
B_CCLK
H18
CardBus clock. CCLK provides synchronous timing
for all transactions on the CardBus interface. All
signals except CRST, CCLKRUN, CINT, CSTSCHG,
CAUDIO, CCD2, CCD1, CVS2, and CVS1 are
sampled on the rising edge of CCLK, and all timing
parameters are defined with the rising edge of this
signal. CCLK operates at the PCI bus clock
frequency, but it can be stopped in the low state or
slowed down for power savings.
O
PCIO3
VCCA/
VCCB
A_CCLKRUN
C03
B_CCLKRUN
A18
CardBus clock run. CCLKRUN is used by a CardBus
PC Card to request an increase in the CCLK
frequency, and by the controller to indicate that the
CCLK frequency is going to be decreased.
I/O
PCII4
PCIO4
PU3
VCCA/
VCCB
A_CRST
A06
B_CRST
F17
CardBus reset. CRST brings CardBus PC
Card-specific registers, sequencers, and signals to a
known state. When CRST is asserted, all CardBus
PC Card signals are placed in a high-impedance
state, and the controller drives these signals to a valid
logic level. Assertion can be asynchronous to CCLK,
but deassertion must be synchronous to CCLK.
O
PCII4
PCIO4
PU3
VCCA/
VCCB
† These terminals are reserved for the PCI7611 and PCI7411 controllers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com